Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L004AL Datasheet(PDF) 2 Page - AMIC Technology

Part # A29L004AL
Description  512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L004AL Datasheet(HTML) 2 Page - AMIC Technology

  A29L004AL Datasheet HTML 1Page - AMIC Technology A29L004AL Datasheet HTML 2Page - AMIC Technology A29L004AL Datasheet HTML 3Page - AMIC Technology A29L004AL Datasheet HTML 4Page - AMIC Technology A29L004AL Datasheet HTML 5Page - AMIC Technology A29L004AL Datasheet HTML 6Page - AMIC Technology A29L004AL Datasheet HTML 7Page - AMIC Technology A29L004AL Datasheet HTML 8Page - AMIC Technology A29L004AL Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
A29L004A Series
512K X 8 Bit CMOS 3.0 Volt-only,
Preliminary
Boot Sector Flash Memory
PRELIMINARY
(March, 2005, Version 0.0)
1
AMIC Technology, Corp.
Features
Single power supply operation
- Full voltage range: 2.7 to 3.6 volt read and write
operations for battery-powered applications
- Regulated voltage range: 3.0 to 3.6 volt read and write
operations for compatibility with high performance 3.3
volt microprocessors
Access times:
- 70/90 (max.)
Current:
- 4 mA typical active read current
- 20 mA typical program/erase current
- 200 nA typical CMOS standby
- 200 nA Automatic Sleep Mode current
Flexible sector architecture
- 16 Kbyte/ 8 KbyteX2/ 32 Kbyte/ 64 KbyteX7 sectors
- Any combination of sectors can be erased
- Supports full chip erase
- Sector protection:
A hardware method of protecting sectors to prevent any
inadvertent program or erase operations within that
sector. Temporary Sector Unprotect feature allows code
changes in previously locked sectors
Unlock Bypass Program Command
- Reduces overall programming time when issuing
multiple program command sequence
Top or bottom boot block configurations available
Embedded Algorithms
- Embedded Erase algorithm will automatically erase the
entire chip or any combination of designated sectors and
verify the erased sectors
- Embedded Program algorithm automatically writes and
verifies data at specified addresses
Typical 100,000 program/erase cycles per sector
20-year data retention at 125
°C
- Reliable operation for the life of the system
Compatible with JEDEC-standards
- Pinout and software compatible with single-power-supply
Flash memory standard
- Superior inadvertent write protection
Data Polling and toggle bits
- Provides a software method of detecting completion of
program or erase operations
Ready /
BUSY pin (RY / BY )
- Provides a hardware method of detecting completion of
program or erase operations (not available on 32-pin
PLCC & (s)TSOP packages)
Erase Suspend/Erase Resume
- Suspends a sector erase operation to read data from, or
program data to, a non-erasing sector, then resumes the
erase operation
Hardware reset pin ( RESET )
- Hardware method to reset the device to reading array
data (not available on 32 pin PLCC & (s)TSOP
packages)
Package options
- 40-pin TSOP (forward type), 32-pin PLCC or (s)TSOP
(forward type)
General Description
The A29L004A is a 4Mbit, 3.0 volt-only Flash memory
organized as 524,288 bytes of 8 bits. The 8 bits of data
appear on I/O0 - I/O7. The A29L004A is offered in 40-pin
TSOP, 32-pin PLCC or (s)TSOP packages. This device is
designed to be programmed in-system with the standard
system 3.0 volt VCC supply. Additional 12.0 volt VPP is not
required for in-system write or erase operations. However,
the A29L004A can also be programmed in standard EPROM
programmers.
The A29L004A has the first toggle bit, I/O6, which indicates
whether an Embedded Program or Erase is in progress, or it
is in the Erase Suspend. Besides the I/O6 toggle bit, the
A29L004A has a second toggle bit, I/O2, to indicate whether
the addressed sector is being selected for erase. The
A29L004A also offers the ability to program in the Erase
Suspend mode. The standard A29L004A offers access times
of 70 and 90ns, allowing high-speed microprocessors to
operate without wait states. To eliminate bus contention the
device has separate chip enable ( CE ), write enable ( WE )
and output enable ( OE ) controls.
The device requires only a single 3.0 volt power supply for
both read and write functions. Internally generated and
regulated voltages are provided for the program and erase
operations.
The A29L004A is entirely software command set compatible
with
the
JEDEC
single-power-supply
Flash
standard.
Commands are written to the command register using
standard microprocessor write timings. Register contents
serve as input to an internal state-machine that controls the
erase and programming circuitry. Write cycles also internally
latch addresses and data needed for the programming and
erase operations. Reading data out of the device is similar to
reading from other Flash or EPROM devices.
Device programming occurs by writing the proper program
command sequence. This initiates the Embedded Program
algorithm - an internal algorithm that automatically times the
program pulse widths and verifies proper program margin.
Device erasure occurs by executing the proper erase
command sequence. This initiates the Embedded Erase
algorithm
-
an
internal
algorithm
that
automatically
preprograms the array (if it is not already programmed)
before executing the erase operation. During erase, the
device automatically times the erase pulse widths and
verifies proper erase margin. The Unlock Bypass mode
facilitates faster programming times by requiring only two
write cycles to program data instead of four.
The host system can detect whether a program or erase
operation is complete by observing the RY /
BY pin (not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com