Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L040AV Datasheet(PDF) 2 Page - AMIC Technology

Part # A29L040AV
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AV Datasheet(HTML) 2 Page - AMIC Technology

  A29L040AV Datasheet HTML 1Page - AMIC Technology A29L040AV Datasheet HTML 2Page - AMIC Technology A29L040AV Datasheet HTML 3Page - AMIC Technology A29L040AV Datasheet HTML 4Page - AMIC Technology A29L040AV Datasheet HTML 5Page - AMIC Technology A29L040AV Datasheet HTML 6Page - AMIC Technology A29L040AV Datasheet HTML 7Page - AMIC Technology A29L040AV Datasheet HTML 8Page - AMIC Technology A29L040AV Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
A29L040A Series
512K X 8 Bit CMOS 3.0 Volt-only,
Preliminary
Uniform Sector Flash Memory
PRELIMINARY
(March, 2005, Version 0.0)
1
AMIC Technology, Corp.
Features
Single power supply operation
- Full voltage range: 2.7 to 3.6 volt read and write
operations for battery-powered applications
- Regulated voltage range: 3.0 to 3.6 volt read and write
operations for compatibility with high performance 3.3
volt microprocessors
Access times:
- 70 (max.)
Current:
- 4 mA typical active read current
- 20 mA typical program/erase current
- 200 nA typical CMOS standby
- 200 nA Automatic Sleep Mode current
Flexible sector architecture
- 8 uniform sectors of 64 Kbyte each
- Any combination of sectors can be erased
- Supports full chip erase
- Sector protection:
A hardware method of protecting sectors to prevent
any inadvertent program or erase operations within that
sector
Embedded Erase Algorithms
- Embedded Erase algorithm will automatically erase the
entire chip or any combination of designated sectors
and verify the erased sectors
- Embedded Program algorithm automatically writes and
verifies bytes at specified addresses
Typical 100,000 program/erase cycles per sector
20-year data retention at 125
°C
- Reliable operation for the life of the system
Compatible with JEDEC-standards
- Pinout and software compatible with single-power-
supply Flash memory standard
- Superior inadvertent write protection
Data Polling and toggle bits
- Provides a software method of detecting completion of
program or erase operations
Erase Suspend/Erase Resume
- Suspends a sector erase operation to read data from,
or program data to, a non-erasing sector, then
resumes the erase operation
Package options
- 32-pin DIP, PLCC, TSOP (8mm x 20mm), sTSOP
(8mm x 13.4mm), sTSOP (8mm x 14mm).
General Description
The A29L040A is a 3.0 volt-only Flash memory organized as
524,288 bytes of 8 bits each. The 512 Kbytes of data are
further divided into eight sectors of 64 Kbytes each for
flexible sector erase capability. The 8 bits of data appear on
I/O0 - I/O7 while the addresses are input on A0 to A18. The
A29L040A is offered in 32-pin PLCC, TSOP (8mm x 20mm)
or sTSOP (8mm x 13.4mm) packages. This device is
designed to be programmed in-system with the standard
system 3.0 volt VCC supply. Additional 12.0 volt VPP is not
required for in-system write or erase operations. However,
the A29L040A can also be programmed in standard EPROM
programmers.
The A29L040A has a second toggle bit, I/O2, to indicate
whether the addressed sector is being selected for erase,
and also offers the ability to program in the Erase Suspend
mode. The standard A29L040A offers access times of 70ns,
allowing high-speed microprocessors to operate without wait
states. To eliminate bus contention the device has separate
chip enable ( CE ), write enable ( WE ) and output enable
( OE ) controls.
The device requires only a single 3.0 volt power supply for
both read and write functions. Internally generated and
regulated voltages are provided for the program and erase
operations.
The A29L040A is entirely software command set compatible
with
the
JEDEC
single-power-supply
Flash
standard.
Commands are written to the command register using
standard microprocessor write timings. Register contents
serve as input to an internal state-machine that controls the
erase and programming circuitry. Write cycles also internally
latch addresses and data needed for the programming and
erase operations. Reading data out of the device is similar to
reading from other Flash or EPROM devices.
Device programming occurs by writing the proper program
command sequence. This initiates the Embedded Program
algorithm - an internal algorithm that automatically times the
program pulse widths and verifies proper program margin.
Device erasure occurs by executing the proper erase
command sequence. This initiates the Embedded Erase
algorithm
-
an
internal
algorithm
that
automatically
preprograms the array (if it is not already programmed)
before executing the erase operation. During erase, the
device automatically times the erase pulse widths and
verifies proper erase margin.
The host system can detect whether a program or erase
operation is complete by reading the I/O7 ( Data Polling) and
I/O6 (toggle) status bits. After a program or erase cycle has
been completed, the device is ready to read array data or
accept another command.
The sector erase architecture allows memory sectors to be
erased and
reprogrammed
without affecting the
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com