Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L160AM Datasheet(PDF) 21 Page - AMIC Technology

Part # A29L160AM
Description  2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L160AM Datasheet(HTML) 21 Page - AMIC Technology

Back Button A29L160AM Datasheet HTML 17Page - AMIC Technology A29L160AM Datasheet HTML 18Page - AMIC Technology A29L160AM Datasheet HTML 19Page - AMIC Technology A29L160AM Datasheet HTML 20Page - AMIC Technology A29L160AM Datasheet HTML 21Page - AMIC Technology A29L160AM Datasheet HTML 22Page - AMIC Technology A29L160AM Datasheet HTML 23Page - AMIC Technology A29L160AM Datasheet HTML 24Page - AMIC Technology A29L160AM Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
A29L160A Series
(May, 2005, Version 0.1)
20
AMIC Technology, Corp.
The I/O5 failure condition may appear if the system tries to
program a "1 "to a location that is previously programmed to
"0." Only an erase operation can change a "0" back to a "1."
Under this condition, the device halts the operation, and
when the operation has exceeded the timing limits, I/O5
produces a "1."
Under both these conditions, the system must issue the reset
command to return the device to reading array data.
I/O3: Sector Erase Timer
After writing a sector erase command sequence, the system
may read I/O3 to determine whether or not an erase
operation has begun. (The sector erase timer does not apply
to the chip erase command.) If additional sectors are
selected for erasure, the entire time-out also applies after
each additional sector erase command. When the time-out is
complete, I/O3 switches from "0" to "1." The system may
ignore I/O3 if the system can guarantee that the time
between additional sector erase commands will always be
less than 50
µs. See also the "Sector Erase Command
Sequence" section.
After the sector erase command sequence is written, the
system should read the status on I/O7 (
Data Polling) or I/O6
(Toggle Bit 1) to ensure the device has accepted the
command sequence, and then read I/O3. If I/O3 is "1", the
internally controlled erase cycle has begun; all further
commands (other than Erase Suspend) are ignored until the
erase operation is complete. If I/O3 is "0", the device will
accept additional sector erase commands. To ensure the
command has been accepted, the system software should
check the status of I/O3 prior to and following each
subsequent sector erase command. If I/O3 is high on the
second status check, the last command might not have been
accepted. Table 10 shows the outputs for I/O3.
START
Read I/O7-I/O0
Toggle Bit
= Toggle ?
Program/Erase
Operation Not
Commplete, Write
Reset Command
Yes
Notes :
1. Read toggle bit twice to determine whether or not it is
toggling. See text.
2. Recheck toggle bit because it may stop toggling as I/O5
changes to "1". See text.
No
Read I/O7 - I/O0
Twice
I/O5 = 1?
Toggle Bit
= Toggle ?
Yes
Yes
Program/Erase
Operation Complete
No
No
Read I/O7-I/O0
(Notes 1,2)
Figure 6. Toggle Bit Algorithm
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com