Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-02-R Datasheet(PDF) 1 Page - Kemet Corporation

Part # B-02-R
Description  KEMET, BEAD L, DC Line Filters, Normal Mode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B-02-R Datasheet(HTML) 1 Page - Kemet Corporation

  B-02-R Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: B-02-R
(UDLB00002R0000)
KEMET, BEAD L, DC Line Filters, Normal Mode
Dimensions
D
4.2mm MAX
L
6mm MAX
W
10.5mm MAX
LL
15mm MIN
S
5mm NOM
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 100
Weight: 600 mg
General Information
Series: BEAD L
Style: Through-Hole
RoHS: Yes
Specifications
Temperature Range: -20/+70°C
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 11/14/2019 - 0b43adf2-b8b6-42bd-9563-261f625c46a0


Similar Part No. - B-02-R

ManufacturerPart #DatasheetDescription
logo
NEC
B-02-R NEC-B-02-R Datasheet
2Mb / 45P
DC Line Fileters
B-02-RT NEC-B-02-RT Datasheet
2Mb / 45P
DC Line Fileters
B-02-RTF NEC-B-02-RTF Datasheet
2Mb / 45P
DC Line Fileters
More results

Similar Description - B-02-R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B-03-R KEMET-B-03-R Datasheet
83Kb / 1P
KEMET, BEAD L, DC Line Filters, Normal Mode
B-06-R-25 KEMET-B-06-R-25 Datasheet
83Kb / 1P
KEMET, BEAD L, DC Line Filters, Normal Mode
B-06-R-50 KEMET-B-06-R-50 Datasheet
86Kb / 1P
KEMET, BEAD L, DC Line Filters, Normal Mode
B-6-31B KEMET-B-6-31B Datasheet
86Kb / 1P
KEMET, BEAD W, DC Line Filters, Normal Mode
B-7 KEMET-B-7 Datasheet
55Kb / 1P
KEMET, BEAD W, DC Line Filters, Normal Mode
B-01-A KEMET-B-01-A Datasheet
74Kb / 1P
KEMET, BEAD L, DC Line Filters, Normal Mode
B-01-A1 KEMET-B-01-A1 Datasheet
79Kb / 1P
KEMET, BEAD L, DC Line Filters, Normal Mode
B-01-A2 KEMET-B-01-A2 Datasheet
80Kb / 1P
KEMET, BEAD L, DC Line Filters, Normal Mode
B-01-R KEMET-B-01-R Datasheet
84Kb / 1P
KEMET, BEAD L, DC Line Filters, Normal Mode
B-01-RS KEMET-B-01-RS Datasheet
84Kb / 1P
KEMET, BEAD L, DC Line Filters, Normal Mode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com