Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC164 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC164
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC164 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC164 Datasheet HTML 1Page - Silicon Supplies 54HC164 Datasheet HTML 2Page - Silicon Supplies 54HC164 Datasheet HTML 3Page - Silicon Supplies 54HC164 Datasheet HTML 4Page - Silicon Supplies 54HC164 Datasheet HTML 5Page - Silicon Supplies 54HC164 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6 
www.siliconsupplies.com
 
d 
 
 
 
 
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 54HC164
Rev 1.0
24/11/17
Logic Diagram
1060µm (41.73 mils)
0,0
10
9
8
7
6
5
4
3
2
14
11
12
13
DIE ID
1
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
A
0.117
0.439
2
B
0.124
0.115
3
QA
0.3195
0.115
4
QB
0.4875
0.115
5
QC
0.6555
0.115
6
QD
0.8235
0.115
7
GND
0.841
0.61
8
CLK
0.841
0.831
9
CLR
0.833
1.155
10
QE
0.6385
1.155
11
QF
0.4705
1.155
12
QG
0.3025
1.155
13
QH
0.1345
1.155
14
VCC
0.117
0.662
CONNECT CHIP BACK TO VCC OR FLOAT
 
Pad Layout and Functions
D = Data Input
QAn - QGn = Data shift from preceding
register on rising edge clock input
Function Table
INPUTS
OUTPUTS
CLR
CLK
A
B
QA
QB
…
QH
L
H
H
H
H
X
L
↑
↑
↑
X
X
H
L
X
X
X
H
X
L
L
QA0
H
L
L
L
QB0
QAN
QAN
QAN
L
QH0
QGN
QGN
QGn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com