Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS164 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54LS164
Description  Low Power Schottky Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LS164 Datasheet(HTML) 2 Page - Silicon Supplies

  54LS164 Datasheet HTML 1Page - Silicon Supplies 54LS164 Datasheet HTML 2Page - Silicon Supplies 54LS164 Datasheet HTML 3Page - Silicon Supplies 54LS164 Datasheet HTML 4Page - Silicon Supplies 54LS164 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
d 
 
 
 
 
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Low Power Schottky Logic – 54LS164
Rev 1.0
24/11/17
Logic Diagram
1880µm (74.02 mils)
0,0
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
A
0.075
0.647
2
B
0.077
0.342
3
QA
0.203
0.075
4
QB
0.725
0.075
5
QC
1.091
0.075
6
QD
1.625
0.083
7
GND
1.691
0.331
8
CLK
1.693
0.745
9
CLR
1.691
1.504
10
QE
1.449
1.505
11
QF
1.091
1.503
12
QG
0.697
1.505
13
QH
0.085
1.412
14
VCC
0.077
0.885
CONNECT CHIP BACK TO GND OR FLOAT
 
Pad Layout and Functions
D = Data Input
QAn - QGn = Data shift from preceding
register on rising edge clock input
13
14
1
2
3
4
5
6
7
8
9
10
11
12
DIE ID
Function Table
INPUTS
OUTPUTS
CLR
CLK
A
B
QA
QB
…
QH
L
H
H
H
H
X
L
↑
↑
↑
X
X
H
L
X
X
X
H
X
L
L
QA0
H
L
L
L
QB0
QAN
QAN
QAN
L
QH0
QGN
QGN
QGn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com