Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS164 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54LS164
Description  Low Power Schottky Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LS164 Datasheet(HTML) 4 Page - Silicon Supplies

  54LS164 Datasheet HTML 1Page - Silicon Supplies 54LS164 Datasheet HTML 2Page - Silicon Supplies 54LS164 Datasheet HTML 3Page - Silicon Supplies 54LS164 Datasheet HTML 4Page - Silicon Supplies 54LS164 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
Low Power Schottky Logic – 74LS164
 
 
DC Electrical Characteristics continued 2 T
J = -40°C to 85°C unless otherwise specified
Rev 1.0
24/11/17
LIMITS
 
PARAMETER
 
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = MAX, VIN = 2.7V
-
-
20
µA
Input High Current
IIH
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
VCC = MAX, VIN = 7.0V
-
-
0.1
mA
Input Low Current
IIL
VCC = MAX, VIN = 0.4V
-
-
-0.4
mA
Short Circuit Current
3
IOS
VCC = MAX
-20
-
-100
mA
Power Supply
Current
ICC
VCC = MAX
mA
-
16
27
 
3. Not more than one output should be shorted at a time, nor for more than 1 second.
AC Electrical Characteristics4 T
J = 25°C unless otherwise specified
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay,
Clock to Q
tPLH
VCC = 5V, CL = 15pF,
RL =2kOhm,
tr = 15ns, tr = 6ns
-
-
27
ns
Propagation Delay,
Clock to Q
tPHL
VCC = 5V, CL = 15pF,
RL =2kOhm,
tr = 15ns, tr = 6ns
-
-
32
ns
Propagation Delay,
Reset to Q
tPHL
VCC = 5V, CL = 15pF,
RL =2kOhm,
tr = 15ns, tr = 6ns
-
-
36
ns
 
Timing Requirements5 T
J = 25°C unless otherwise specified
4. Not production tested in die form, characterized by chip design and tested in package.
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Setup Time,
A or B to CLK
tsu
VCC = 5V, CL = 15pF,
RL =2kOhm,
tr = 15ns, tr = 6ns
15
-
-
ns
Hold Time,
CLK to A or B
th
VCC = 5V, CL = 15pF,
RL =2kOhm,
tr = 15ns, tr = 6ns
5
-
-
ns
VCC = 5V, CL = 15pF,
Pulse Width,
Clock or Reset
tw
RL =2kOhm,
tr = 15ns, tr = 6ns
20
-
-
ns
 
Page 4 of 5 
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com