Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMB162ABA Datasheet(PDF) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMB162ABA
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMB162ABA Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMB162ABA Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABA Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABA Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABA Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABA Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABA Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABA Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABA Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ABA Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TOPWAY
LCD Module User Manual
LMB162ABA
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LMB162ABA-Manual-Rev0.2.DOC
Page: 3 of 11
1. Basic Specifications
1.1
Display Specifications
1) LCD Display Mode
: STN, Positive, Transflective
2) Display Color
: Display Data = “1” : Deep Blue (*1)
: Display Data = “0” : Yellow Green (*2)
3) Viewing Angle
: 6H
4) Driving Method
: 1/16 duty, 1/5 bias
5) Back Light
: Nil
Note:
*1. Color tone may slightly change by Temperature and Driving Condition.
*2. The Color is defined as the inactive / background color
1.2
Mechanical Specifications
1) Outline Dimension
: 80.8 x 36.0 x 9.8MAX
(See attached Outline Drawing for details)
1.3
Block Diagram
LCD Panel
16 x 2 Char (5x8dots)
S6A0065
or
equivalent
RS, R/W, E
VDD
DB0 – DB7
VSS
S6A0069
or
equivalent
V0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com