Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L0616B Datasheet(PDF) 2 Page - AMIC Technology

Part # A43L0616B
Description  512K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L0616B Datasheet(HTML) 2 Page - AMIC Technology

  A43L0616B Datasheet HTML 1Page - AMIC Technology A43L0616B Datasheet HTML 2Page - AMIC Technology A43L0616B Datasheet HTML 3Page - AMIC Technology A43L0616B Datasheet HTML 4Page - AMIC Technology A43L0616B Datasheet HTML 5Page - AMIC Technology A43L0616B Datasheet HTML 6Page - AMIC Technology A43L0616B Datasheet HTML 7Page - AMIC Technology A43L0616B Datasheet HTML 8Page - AMIC Technology A43L0616B Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
A43L0616B
Preliminary
512K X 16 Bit X 2 Banks Synchronous DRAM
PRELIMINARY
(May, 2005, Version 0.0)
1
AMIC Technology, Corp.
Features
JEDEC standard 3.3V power supply
LVTTL compatible with multiplexed address
Dual banks / Pulse
RAS
MRS cycle with address key programs
- CAS Latency (2,3)
- Burst Length (1,2,4,8 & full page)
- Burst Type (Sequential & Interleave)
All inputs are sampled at the positive going edge of the
system clock
Industrial operating temperature range: -40ºC to +85ºC
for –U
Pb-Free type for -F
Burst Read Single-bit Write operation
DQM for masking
Auto & self refresh
32ms refresh period (2K cycle)
50 Pin TSOP (II)
General Description
The A43L0616B is 16,777,216 bits synchronous high data
rate Dynamic RAM organized as 2 X 524,288 words by 16
bits, fabricated with AMIC’s high performance CMOS
technology. Synchronous design allows precise cycle control
with the use of system clock. I/O transactions are possible on
every
clock
cycle.
Range
of
operating
frequencies,
programmable latencies allows the same device to be useful
for a variety of high bandwidth, high performance memory
system applications.
Pin Configuration
TSOP (II)
A43L0616BV
50 49 48 47 46 45 44 43 42 41
39
40
38 37 36 35 34 33 32 31 30 29 28 27 26
12
3
4
567
8
9 10
12
11
13 14 15 16 17 18 19 20 21 22 23 24 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com