Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L1616V Datasheet(PDF) 2 Page - AMIC Technology

Part # A43L1616V
Description  1M X 16 Bit X 2 Banks Synchronous DRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L1616V Datasheet(HTML) 2 Page - AMIC Technology

  A43L1616V Datasheet HTML 1Page - AMIC Technology A43L1616V Datasheet HTML 2Page - AMIC Technology A43L1616V Datasheet HTML 3Page - AMIC Technology A43L1616V Datasheet HTML 4Page - AMIC Technology A43L1616V Datasheet HTML 5Page - AMIC Technology A43L1616V Datasheet HTML 6Page - AMIC Technology A43L1616V Datasheet HTML 7Page - AMIC Technology A43L1616V Datasheet HTML 8Page - AMIC Technology A43L1616V Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
A43L1616
Preliminary
1M X 16 Bit X 2 Banks Synchronous DRAM
PRELIMINARY
(August, 2005, Version 0.0)
1
AMIC Technology, Corp.
Features
Power supply
- VDD: 3.3V
VDDQ : 3.3V
LVTTL compatible with multiplexed address
Two banks / Pulse
RAS
MRS cycle with address key programs
- CAS Latency (2 & 3)
- Burst Length (1,2,4,8 & full page)
- Burst Type (Sequential & Interleave)
Clock Frequency (max) : 167MHz @ CL=3 (-6)
143MHz @ CL=3 (-7)
All inputs are sampled at the positive going edge of the
system clock
DQM for masking
Auto & self refresh
64ms refresh period (4K cycle)
Industrial operating temperature range: -40ºC to +85ºC
for -U series.
Available in 54-pin TSOP(II) package
Package is available to lead free (-F series)
General Description
The A43L1616 is 33,554,432 bits synchronous high data
rate Dynamic RAM organized as 2 X 1,048,576 words by
16 bits, fabricated with AMIC’s high performance CMOS
technology. Synchronous design allows precise cycle
control with the use of system clock. I/O transactions are
possible on every clock cycle. Range of operating
frequencies, programmable latencies allows the same
device to be useful for a variety of high bandwidth, high
performance memory system applications.
Pin Configuration
54 TSOP (II)
A43L1616V
54 53 52 51 50 49 48 47 46 45
43
44
42 41 40 39 38 37 36 35 34 33 32 31 30
12
3
4
5
6
78
9 10
12
11
13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
28
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com