Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMDD3003 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMDD3003
Description  SUPERmini SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDD3003 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMDD3003 Datasheet HTML 1Page - Central Semiconductor Corp CMDD3003 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMDD3003
type is a silicon switching diode manufactured by
the epitaxial planar process, epoxy molded in a
SUPERminiTM surface mount package, designed
for switching applications requiring a extremely
low leakage diode.
MARKING CODE: 03C
MAXIMUM RATINGS:
(TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
180
V
Average Rectified Current
IO
200
mA
Continuous Forward Current
IF
600
mA
Peak Repetitive Forward Current
IFRM
700
mA
Forward Surge Current, tp=1.0 µsec.
IFSM
2.0
A
Forward Surge Current, tp=1.0 sec.
IFSM
1.0
A
Power Dissipation
PD
250
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=125V
1.0
nA
IR
VR=125V, TA=150°C
3.0
µA
IR
VR=180V
10
nA
IR
VR=180V, TA=150°C
5.0
µA
BVR
IR=5.0µA
200
V
VF
IF=1.0mA
0.62
0.72
V
VF
IF=10mA
0.72
0.83
V
VF
IF=50mA
0.80
0.89
V
VF
IF=100mA
0.83
0.93
V
VF
IF=200mA
0.87
1.10
V
VF
IF=300mA
0.90
1.15
V
CT
VR=0, f=1 MHz
4.0
pF
CMDD3003
SUPERminiTM
SURFACE MOUNT
LOW LEAKAGE
SWITCHING DIODE
SOD-323 CASE
Central
Semiconductor Corp.
TM
R0 (07-June 2004)


Similar Part No. - CMDD3003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDD3003 CENTRAL-CMDD3003_10 Datasheet
366Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMDD3003 CENTRAL-CMDD3003_15 Datasheet
366Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON WITCHING DIODE
More results

Similar Description - CMDD3003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDD2004 CENTRAL-CMDD2004 Datasheet
116Kb / 2P
SUPERmini. SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001 Datasheet
117Kb / 2P
SUPERminiTM SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
CMPD6001 CENTRAL-CMPD6001 Datasheet
229Kb / 2P
SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
CMXD6001 CENTRAL-CMXD6001 Datasheet
114Kb / 2P
SUPERmini. TRIPLE ISOLATED SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
logo
Pan Jit International I...
BAS116WS PANJIT-BAS116WS Datasheet
58Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS PANJIT-BAS116WS_09 Datasheet
67Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMPD6001 CENTRAL-CMPD6001_10 Datasheet
653Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
logo
Pan Jit International I...
BAS116WS PANJIT-BAS116WS_16 Datasheet
147Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU PANJIT-BAS116WS-AU Datasheet
68Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAV170W PANJIT-BAV170W_16 Datasheet
159Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com