Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCB5232B Datasheet(PDF) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # TCB5232B
Description  Interface Board User Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

TCB5232B Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

  TCB5232B Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd TCB5232B Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TOPWAY
TOPWAY
TOPWAY
TOPWAY
Interface Board
TCB5232B
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: TCB5232B-Manual-Rev0.2.DOC
Page: 3 of 7
1. Basic Specifications
1.1
Product Highlight
1) TCB5232B is a RS232C interface board for LCD module
2) Support interfacing TOPWAY LCD module with PC
3) Single 5.0V supply
4) Support different baud rate (Jumper setting)
5) Direct interface with TOPWAY LCD module:
LMB162A series, LMB162G series, LMB162N series
(5V supply, 68mode interface)
1.2
Mechanical Specifications
K2 : TH terminal (P2.54mm, 16pin) for LMB162A series
K3 : SIL header (P2.5mm, 6pin) for power supply and RS232C connection



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com