Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1613C Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1613C
Description  Timer with Dialer Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1613C Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1613C Datasheet HTML 1Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 2Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1613C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Approximate internal connection circuits
Absolute Maximum Ratings
Supply Voltage ............................................-0.3V to 5V
Storage Temperature ............................-50°Cto125°C
Input Voltage..............................VSS-0.3V to VDD+0.3V
Operating Temperature...........................-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
fOSC=32768Hz, Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
1.2
1.5
1.7
V
VIL
Input Low Voltage
1.2V~1.7V
¾
VSS
¾
0.2VDD
V
VIH
Input High Voltage
1.2V~1.7V
¾
0.8VDD
¾
VDD
V
ISTB
Standby Current
1.5V
VHK=Floating (or VDD)
¾
0.1
1
mA
IDD
Operating Current
1.5V
No load
¾
310
mA
IOL
Output Sink Current of INT
1.5V
VO=0.3V
500
1000
¾mA
tA
Data Setup Time
1.5V
¾
1
¾¾
ms
tB
Data Hold on Time
1.5V
¾
2
¾¾
ms
tC
Inter Digit Time
1.5V
¾
5
¾¾
ms
tDB
Debounce Time
(HK, S1, S2, TIMER)
1.5V
¾¾
31.25
¾
ms
RHI1
Pull-high Resistance
(HK,DI,SK)
1.5V
VIN=0V
¾
1
¾
MW
RHI2
Pull-high Resistance (RES)
1.5V
VIN=0V
100
200
400
kW
RLO
Pull-low Resistance
(TIMER, S1, S2, 12/24)
1.5V
VIN=1.5V
¾
5
¾
MW
fOSC
System Frequency
1.5V
Crystal=32768Hz
¾
32768
¾
Hz
HT1613C
Rev. 1.10
4
August 17, 2001
CM O S L A T CH I N
P u l l - h i gh
CM O S L A T CH I N
Pu l l - l o w
PW R O N
15k W
NM O S O UT
CM O S I N
Pu l l - l o w
CM O S I N
Pu l l - h i g h
OS C I L L A T OR
CM O S O UT
X1
12pF
15pF
10M W
V DD
PW R O N
15k W
X2
V DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com