Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A63P06361 Datasheet(PDF) 2 Page - AMIC Technology

Part # A63P06361
Description  1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63P06361 Datasheet(HTML) 2 Page - AMIC Technology

  A63P06361 Datasheet HTML 1Page - AMIC Technology A63P06361 Datasheet HTML 2Page - AMIC Technology A63P06361 Datasheet HTML 3Page - AMIC Technology A63P06361 Datasheet HTML 4Page - AMIC Technology A63P06361 Datasheet HTML 5Page - AMIC Technology A63P06361 Datasheet HTML 6Page - AMIC Technology A63P06361 Datasheet HTML 7Page - AMIC Technology A63P06361 Datasheet HTML 8Page - AMIC Technology A63P06361 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
A63P06361
1M X 36 Bit Synchronous High Speed SRAM with
Preliminary
Burst Counter and Flow-through Data Output
PRELIMINARY
(August, 2005, Version 0.0)
1
AMIC Technology, Corp.
Features
Fast access times: 6.5/7.5/8.0 ns(153/133/117 MHz)
Single 2.5V±5% power supply
Synchronous burst function
Individual Byte Write control and Global Write
Three separate chip enables allow wide range of
options for CE control, address pipelining
Selectable BURST mode
SLEEP mode (ZZ pin) provided
Available in 100-pin LQFP package
Industrial operating temperature range: -45
°C to
+125
°C for -I series
General Description
The A63P06361 is a high-speed SRAM containing 36M
bits of bit synchronous memory, organized as 1024K
words by 36 bits.
The
A63P06361
combines
advanced
synchronous
peripheral circuitry, 2-bit burst control, input registers,
output buffer and a 1M X 36 SRAM core to provide a wide
range of data RAM applications.
The positive edge triggered single clock input (CLK)
controls all synchronous inputs passing through the
registers. Synchronous inputs include all addresses (A0 -
A19), all data inputs (I/O1 - I/O36 ), active LOW chip
enable (
CE ), two additional chip enables (CE2, CE2 ),
burst control inputs ( ADSC , ADSP , ADV ), byte write
enables ( BWE , BW1 , BW2 , BW3 , BW4 ) and Global
Write ( GW ). Asynchronous inputs include output enable
( OE ), clock (CLK), BURST mode (MODE) and SLEEP
mode (ZZ).
Burst operations can be initiated with either the address
status processor ( ADSP ) or address status controller
( ADSC ) input pin. Subsequent burst sequence burst
addresses can be internally generated by the A63P06361
and controlled by the burst advance ( ADV ) pin. Write
cycles are internally self-timed and synchronous with the
rising edge of the clock (CLK).
This feature simplifies the write interface. Individual Byte
enables allow individual bytes to be written. BW1 controls
I/O1 - I/O9, BW2 controls I/O10 - I/O18, BW3 controls
I/O19 - I/O27, and BW4 controls I/O28 - I/O36, all on the
condition that BWE is LOW. GW LOW causes all bytes
to be written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com