Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6821 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SS6821
Description  Single-cell Lithium-lon Battery Protection IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS6821 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SS6821 Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6821 Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6821 Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6821 Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6821 Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6821 Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6821 Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6821 Datasheet HTML 9Page - List of Unclassifed Manufacturers SS6821 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.SiliconStandard.com
8 of 10
SS6821
DESIGN GUIDE
Selection of external control MOSFETs
Because the over-current protection voltage is
pre-set, the threshold current for over-current
detection is determined by the on-resistance of
the discharge control MOSFET M1. The
required on-resistance of the external control
MOSFETs can be determined by the equation:
RON=VOIP/ (2 x IT) (IT is the over-current
threshold current). For example, if the over-
current threshold current IT is designed to be
3A, the on-resistance of the external control
MOSFETs must be 33m
Ω. Users should be
aware that on-resistance of the MOSFET
changes with temperature variation due to heat
dissipation.
It
changes
with
the
voltage
between gate and source as well. (On-
resistance of a MOSFET increases as the
voltage between gate and source decreases).
Once the on-resistance of the external MOSFET
changes, the over-current threshold current will
change accordingly.
Suppressing the ripple and disturbance
from the charger
To suppress the ripple and disturbance from the
charger, connecting R1, C1 to the VCC pin is
recommended.
Protection at CS pin
R2 is used for latch-up protection when the
charger is connected under an over-discharge
condition,
and
over-stress
protection
for
accidental reverse-connection of the charger. A
larger value of R2 reduces the charger leakage
current in over-charge mode, but may possibly
disable the charge detection function after over-
discharge. A resistance value of 100K
Ω is
recommended.
12/6/2004 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com