Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX50 Datasheet(PDF) 2 Page - TP-Link Technologies Co., Ltd.

Part # AX50
Description  Dual Band Gigabit Wi-Fi 6 Router
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

AX50 Datasheet(HTML) 2 Page - TP-Link Technologies Co., Ltd.

  AX50 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. AX50 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. AX50 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. AX50 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. AX50 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd. AX50 Datasheet HTML 6Page - TP-Link Technologies Co., Ltd. AX50 Datasheet HTML 7Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The Archer AX50, with Wi-Fi 6 – based on the next generation 802.11ax Wi-Fi
technology, takes your Wi-Fi to the next level while being backwards
compatible with 802.11a/b/g/n/ac Wi-Fi standards.
TP-Link HomeCareTM, powered by Trend MicroTM, protects every device from the
latest cyber threats with powerful security, built-in antivirus, and cutting-edge
intrusion prevention, comprehensively creating a highly protected smart home
environment.
Wi-Fi 6 Gig+ Supports More Devices
HomecareTM - Taking Care of Your Wi-Fi Security
Highlights
TP-Link AX3000 Dual Band Gigabit Wi-Fi 6 Router
AX50
3× Faster Speed△
Powerful and consistent signals to perfectly pair with newer PCs and
mobile devices equipped with 160 MHz Wi-Fi
4× Increased Capacity
OFDMA greatly improves network efficiency and capacity to
connect more devices simultaneously
75% Lower Latency
Take advantage of ultra-low latency to enjoy more responsive
gaming and seamless video conferencing
Save Clients' Battery Power
Target Wake Time schedules the connection time of
battery-powered devices to reduce their power consumption
Antivirus protects your
devices from viruses
and malware.
Powerful Parental controls
keep your family safe
while online.
Quality of Service prioritizes
devices and applications
for a faster network.
****



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com