Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1981 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1981
Description  Single and Dual Micropower High Side Switch Controllers in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1981 Datasheet(HTML) 6 Page - Linear Technology

  LTC1981 Datasheet HTML 1Page - Linear Technology LTC1981 Datasheet HTML 2Page - Linear Technology LTC1981 Datasheet HTML 3Page - Linear Technology LTC1981 Datasheet HTML 4Page - Linear Technology LTC1981 Datasheet HTML 5Page - Linear Technology LTC1981 Datasheet HTML 6Page - Linear Technology LTC1981 Datasheet HTML 7Page - Linear Technology LTC1981 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC1981/LTC1982
6
APPLICATIONS INFORMATION
Figure 3. Direct Interface to 3.3V Logic
VCC GATE 1
SHDN 1 GND
1/2 LTC1982
5V
LOAD
1981/82 F03
3.3V
5V
Si3442DV
Figure 1. Powering a Large Capactive Load
Figure 2. Direct Interface to 5V Logic
Logic-Level MOSFET Switches
The LTC1981/LTC1982 are designed to operate with logic-
level N-channel MOSFET switches. Although there is some
variation among manufacturers, logic-level MOSFET
switches are typically rated with VGS = 4V with a maximum
continuous VGS rating of ±8V. RDS (ON) and maximum
VDS ratings are similar to standard MOSFETs and there is
generally little price differential. When operating at supply
voltages of 5V or greater, care must be taken when
selecting the MOSFET. The LTC1981/LTC1982 limit the
output voltage to between 6.9V and 7.5V. The VGS devel-
oped for the MOSFET may be too low to sufficiently turn on
the MOSFET. MOSFETs rated at 2.5V, or less, will be better
suited for applications where the supply voltages ap-
proach 5V.
Powering Large Capacitive Loads
Electrical subsystems in portable battery-powered equip-
ment are typically bypassed with large filter capacitors to
reduce supply transients and supply induced glitching. If
not properly powered however, these capacitors may
themselves become the source of supply glitching. For
example, if a 100
µF capacitor is powered through a switch
with a slew rate of 0.1V/
µs, the current during start-up is:
ISTART = C(∆V/∆t)
= (100 • 10–6)(1 • 105)
= 10A
Obviously, this is too much current for the regulator (or
output capacitor) to supply and the output will glitch by as
much as a few volts.
The start up current can be substantially reduced by
limiting the slew rate at the gate of an N-channel as shown
in Figure 1. The gate drive output of the LTC1981/LTC1982
have an internal 30k resistor (15k LTC1981) in series with
each of the output gate drive pins (see Functional Block
Diagram). Therefore, it only needs an external 0.1
µF
capacitor (0.22
µF for the LTC1981) to create enough RC
delay to substantially slow the slew rate of the MOSFET
gate to approximately 0.6V/ms. Since the MOSFET is
operating as a source follower, the slew rate at the source
is essentially the same as that at the gate, reducing the
startup current to approximately 60mA which is easily
managed by the system regulator. R1 is required to
eliminate the possibility of parasitic MOSFET oscillations
during switch transitions. It is a good practice to isolate the
gates of paralleled MOSFETs with 1k resistors to decrease
the possibility of interaction between switches.
Mixed 5V/3V Systems
Because the input ESD protection diodes are referenced to
the GND pin instead of the supply pin, it is possible to drive
the LTC1981/LTC1982 inputs from 5V CMOS or TTL logic
even though the LTC1981/LTC1982 is powered from a
3.3V supply as shown in Figure 2. Likewise, because the
input threshold voltage high is never greater than 1.6V, the
reverse situation is true. The LTC1981/LTC1982 can be
driven with 3V CMOS or TTL even when the supply to the
device is as high as 5V as shown in Figure 3.
VCC GATE 1
SHDN 1 GND
1/2 LTC1982
+
LT1129-3.3
+
VIN
ON/OFF
3.3
µF
R1
1k
C1
0.1
µF
CL
100
µF
3.3V
LOAD
1981/82 F01
3.3V
Si3442DV
VCC GATE 1
SHDN 1 GND
1/2 LTC1982
3.3V
LOAD
1981/82 F02
3.3V
Si3442DV
5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com