Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1981ES5 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1981ES5
Description  Single and Dual Micropower High Side Switch Controllers in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1981ES5 Datasheet(HTML) 4 Page - Linear Technology

  LTC1981ES5 Datasheet HTML 1Page - Linear Technology LTC1981ES5 Datasheet HTML 2Page - Linear Technology LTC1981ES5 Datasheet HTML 3Page - Linear Technology LTC1981ES5 Datasheet HTML 4Page - Linear Technology LTC1981ES5 Datasheet HTML 5Page - Linear Technology LTC1981ES5 Datasheet HTML 6Page - Linear Technology LTC1981ES5 Datasheet HTML 7Page - Linear Technology LTC1981ES5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC1981/LTC1982
4
TYPICAL PERFOR A CE CHARACTERISTICS
SUPPLY VOLTAGE (V)
2.0
1982 G06
1.5
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
400
350
300
250
200
150
100
50
0
CGATE = 1000pF
TA = 25°C
VGS = 2V
VGS = 1V
SUPPLY VOLTAGE (V)
2.0
1982 G07
1.5
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
40
35
30
25
20
15
10
5
0
CGATE = 1000pF
TA = 25°C
TIME FOR VGATE < 0.1V
TEMPERATURE (
°C)
–60
7.50
7.45
7.40
7.35
7.30
7.25
7.20
7.15
7.10
7.05
7.00
–20
20
40
1982 G08
–40
0
60
80
100
VCC = 3.3V
Turn-Off Time (LTC1982)
Turn-On Time (LTC1982)
GATE Drive Voltage vs
Temperature
Turn-On Time (LTC1981)
GATE Drive Current (LTC1981)
Turn-Off Time (LTC1981)
GATE DRIVE VOLTAGE (V)
01
100
10
1
0.1
23
4
5
6
7
8
1981/82 G09
VCC = 2.7V
VCC = 1.8V
VCC = 5V
VCC = 3.3V
SUPPLY VOLTAGE (V)
1.5
2.5
3.5 4.0
6.0
1981/82 G10
2.0
3.0
4.5 5.0 5.5
300
250
200
150
100
50
0
CGATE = 1000pF
TA = 25°C
VGS = 2V
VGS = 1V
SUPPLY VOLTAGE (V)
1.5
0
5
15
20
25
2.5
3.5 4.0
6.0
1981/82 G11
10
2.0
3.0
4.5 5.0 5.5
CGATE =1000pF
TA = 25°C
TIME FOR VGATE < 0.1
PIN FUNCTIONS
LTC1981:
GDR (Pin 1): Gate Drive Ready Active High Open Drain
Output. Used to indicate when the gate drive output is
greater than 90% of its final value.
GND (Pin 2): Ground.
SHDN (Pin 3): SHDN Active Low Input. Used to shut down
the part and force the GATE output pin to ground.
GATE (Pin 4): Gate Drive Output to an External High Side
Switch. Fully enhanced by internal charge pump. Con-
trolled by the SHDN input pin. Output voltage on this pin
will be approximately 2.5 times VCC or 7.25V, whichever is
less.
VCC (Pin 5): Input Supply Voltage. Range from 1.8V to
5.5V.
LTC1982:
SHDN 1 (Pin 1): SHDN 1 Active Low Input. Used to shut
down the GATE 1 charge pump and force the GATE 1
output pin to ground.
GND (Pin 2): Ground.
SHDN 2 (Pin 3): SHDN 2 Active Low Input. Used to shut
down the GATE 2 charge pump and force the GATE 2
output pin to ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com