Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX105364 Datasheet(PDF) 2 Page - Belden Inc.

Part # AX105364
Description  AX105364 Faceplates and Panels - Angled Patch Panel - KeyConnect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX105364 Datasheet(HTML) 2 Page - Belden Inc.

  AX105364 Datasheet HTML 1Page - Belden Inc. AX105364 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/10/2008
MII Order #39 (China RoHS):
Yes
Safety Listing:
Bi-national Standard Listed
Suitability
Suitability - Indoor:
Yes
Transmission Characteristics (Connectivity)
Notes (Overall)
Notes: For more information visit our web site at http://www.belden.com
Notes (Cont'd.):
Refer to AX102283 for the Specifications of the Modular Jacks.
Product Family
Part Numbers:
Description
Item Number
Angled PP 1U24P (empty), Black
AX104599
Angled PP 2U48P (empty), Black
AX104601
Angled PP 2U48P Vertical Labeling (empty), Black AX104601-VLB
Angled PP 1U24P 10GX Coupler, Black
AX105300
Angled PP 2U48P 10GX Coupler, Black
AX105301
Angled PP 1U24P CAT6+ Coupler, Black
AX105349
Angled PP 2U48P CAT6+ Coupler, Black
AX105350
Angled PP 1U24P CAT5E Modular Jack, Black
AX105357
Angled PP 2U48P CAT5E Modular Jack, Black
AX105358
Angled PP 1U24P CAT6+ Modular Jack, Black
AX105360
Angled PP 2U48P CAT6+ Modular Jack, Black
AX105361
Angled PP 1U24P 10GX Modular Jack, Black
AX105363
Angled PP 2U48P 10GX Modular Jack, Black
AX105364
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
AX105364
1 EA
3.339 LB
BLACK
10GX KCONN ANG,PPANEL 48P 2U
Revision Number: 0
Revision Date: 09-06-2016
© 2017 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the
product.
Page 2 of 2
03-13-2017
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX105364 Faceplates and Panels - Angled Patch Panel - KeyConnect



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com