Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C005YK4R7ABSTR500 Datasheet(PDF) 1 Page - AVX Corporation

Part # C005YK4R7ABSTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C005YK4R7ABSTR500 Datasheet(HTML) 1 Page - AVX Corporation

  C005YK4R7ABSTR500 Datasheet HTML 1Page - AVX Corporation C005YK4R7ABSTR500 Datasheet HTML 2Page - AVX Corporation C005YK4R7ABSTR500 Datasheet HTML 3Page - AVX Corporation C005YK4R7ABSTR500 Datasheet HTML 4Page - AVX Corporation C005YK4R7ABSTR500 Datasheet HTML 5Page - AVX Corporation C005YK4R7ABSTR500 Datasheet HTML 6Page - AVX Corporation C005YK4R7ABSTR500 Datasheet HTML 7Page - AVX Corporation C005YK4R7ABSTR500 Datasheet HTML 8Page - AVX Corporation C005YK4R7ABSTR500 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Accu-P
®
Thin-Film Technology
THE IDEAL CAPACITOR
The non-ideal characteristics of a real capacitor can be
ignored at low frequencies. Physical size imparts inductance
to the capacitor and dielectric and metal electrodes result in
resistive losses, but these often are of negligible effect on the
circuit. At the very high frequencies of radio communication
(>100MHz) and satellite systems (>1GHz), these effects
become important. Recognizing that a real capacitor will
exhibit inductive and resistive impedances in addition to
capacitance, the ideal capacitor for these high frequencies is
an ultra low loss component which can be fully characterized
in all parameters with total repeatability from unit to unit.
Until recently, most high frequency/microwave capacitors
were based on fired-ceramic (porcelain) technology. Layers
of ceramic dielectric material and metal alloy electrode paste
are interleaved and then sintered in a high temperature oven.
This technology exhibits component variability in dielectric
quality (losses, dielectric constant and insulation resistance),
variability in electrode conductivity and variability in physical
size (affecting inductance). An alternate thin-film technology
has been developed which virtually eliminates these vari-
ances. It is this technology which has been fully incorporated
into Accu-P
® and Accu-P® to provide high frequency capaci-
tors exhibiting truly ideal characteristics.
The main features of Accu-P
® may be summarized as follows:
• High purity of electrodes for very low and repeatable
ESR.
• Highly pure, low-K dielectric for high breakdown field,
high insulation resistance and low losses to frequencies
above 40GHz.
• Very tight dimensional control for uniform inductance,
unit to unit.
• Very tight capacitance tolerances for high frequency
signal applications.
This accuracy sets apart these Thin-Film capacitors from
ceramic capacitors so that the term Accu has been
employed as the designation for this series of devices, an
abbreviation for “accurate.”
THIN-FILM TECHNOLOGY
Thin-film technology is commonly used in producing semi-
conductor devices. In the last two decades, this technology
has developed tremendously, both in performance and in
process control. Today’s techniques enable line definitions of
below 1μm, and the controlling of thickness of layers at 100Å
(10
-2μm). Applying this technology to the manufacture of
capacitors has enabled the development of components
where both electrical and physical properties can be tightly
controlled.
The thin-film production facilities at AVX consist of:
• Class 1000 clean rooms, with working areas under
laminar-flow hoods of class 100, (below 100 particles
per cubic foot larger than 0.5μm).
• High vacuum metal deposition systems for high-purity
electrode construction.
• Photolithography equipment for line definition down to
2.0μm accuracy.
• Plasma-enhanced CVD for various dielectric deposi-
tions (CVD=Chemical Vapor Deposition).
• High accuracy, microprocessor-controlled dicing saws
for chip separation.
• High speed, high accuracy sorting to ensure strict
tolerance adherence.
Alumina (Al2O3)
Electrode
Electrode
Dielectric (SiO2 / SiNO)
Terminations
Seal
(SiNO)
Orientation Marking
Alumina (Al2O3)
ACCU-P® CAPACITOR STRUCTURE
6
050118


Similar Part No. - C005YK4R7ABSTR500

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
C005YK0R8ABSTR AVX-C005YK0R8ABSTR Datasheet
128Kb / 2P
Ultra-Miniature 01005 Size Accu-P짰
C005YK0R9ABSTR AVX-C005YK0R9ABSTR Datasheet
128Kb / 2P
Ultra-Miniature 01005 Size Accu-P짰
C005YK1R0ABSTR AVX-C005YK1R0ABSTR Datasheet
128Kb / 2P
Ultra-Miniature 01005 Size Accu-P짰
C005YK1R1ABSTR AVX-C005YK1R1ABSTR Datasheet
128Kb / 2P
Ultra-Miniature 01005 Size Accu-P짰
C005YK1R2ABSTR AVX-C005YK1R2ABSTR Datasheet
128Kb / 2P
Ultra-Miniature 01005 Size Accu-P짰
More results

Similar Description - C005YK4R7ABSTR500

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
Thin-Film Technology
04023J1R6BBSTR AVX-04023J1R6BBSTR Datasheet
252Kb / 20P
Thin-Film Technology
04023J1R6BBWTR AVX-04023J1R6BBWTR Datasheet
252Kb / 20P
Thin-Film Technology
04023J2R2QBSTR AVX-04023J2R2QBSTR Datasheet
252Kb / 20P
Thin-Film Technology
04023J2R5BBWTR AVX-04023J2R5BBWTR Datasheet
252Kb / 20P
Thin-Film Technology
04023J2R9ABSTR AVX-04023J2R9ABSTR Datasheet
217Kb / 19P
Thin-Film Technology
04023J3R0ABWTR AVX-04023J3R0ABWTR Datasheet
252Kb / 20P
Thin-Film Technology
04023J6R8BBWTR AVX-04023J6R8BBWTR Datasheet
252Kb / 20P
Thin-Film Technology
04023K200FBSTR AVX-04023K200FBSTR Datasheet
217Kb / 19P
Thin-Film Technology
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
Thin-Film Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com