Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX103256 Datasheet(PDF) 2 Page - Belden Inc.

Part # AX103256
Description  Faceplates and Panels - 10GX Ultra-High Density PP- UHD Style
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX103256 Datasheet(HTML) 2 Page - Belden Inc.

  AX103256 Datasheet HTML 1Page - Belden Inc. AX103256 Datasheet HTML 2Page - Belden Inc. AX103256 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Safety Listing:
ACA, Bi-national Standard Listed
Suitability
Suitability - Indoor:
Yes
Transmission Characteristics (Connectivity)
Mated Connection Table 1:
Frequency
(MHz)
Max.
Insertion Loss
TIA* (dB)
Max.
Insertion Loss
Belden** (dB)
Min.
NEXT
TIA* (dB)
Min.
NEXT
Belden** (dB)
Min.
FEXT
TIA* (dB)
Min.
FEXT
Belden** (dB)
1.000
0.100
0.050
75.000
77.000
75.000
80.000
4.000
0.100
0.050
75.000
77.000
71.100
75.100
8.000
0.100
0.050
75.000
77.000
65.000
69.000
10.000
0.100
0.050
74.000
77.000
63.100
67.100
16.000
0.100
0.060
69.900
72.900
59.000
63.000
20.000
0.100
0.070
68.000
71.000
57.100
61.100
25.000
0.100
0.080
66.000
69.000
55.100
59.100
31.250
0.110
0.090
64.100
67.100
53.200
57.200
62.500
0.160
0.140
58.100
61.100
47.200
51.200
100.000
0.200
0.180
54.000
57.000
43.100
47.100
200.000
0.280
0.260
48.000
51.000
37.100
41.100
250.000
0.320
0.300
46.000
49.000
35.100
39.100
300.000
0.350
0.330
42.900
46.700
33.600
37.600
400.000
0.400
0.380
37.900
42.900
31.100
35.100
500.000
0.450
0.430
34.000
40.000
29.100
33.100
625.000
0.480
37.100
31.200
Mated Connection Table - Footnote:
* TIA/EIA-568-B.2-10-2008 Category 6A Standard. ** Worst-case performance for a 10GX mated
connection using 10GX modular plugs.
Mated Connection Table 2:
Frequency
(MHz)
Min.
Return Loss
TIA* (dB)
Min.
Return Loss
Belden** (dB)
Min.
PSANEXT
TIA* (dB)
Min.
PSANEXT
Belden** (dB)
Min.
PSAACRF
TIA* (dB)
Min.
PSAACRF
Belden** (dB)
Min.
Balanced TCL
TIA* (dB)
Min.
Balanced TCL
Belden** (dB)
1.000
30.000
34.100
70.500
72.000
67.000
72.000
40.000
50.000
4.000
30.000
34.100
70.500
72.000
67.000
72.000
40.000
50.000
8.000
30.000
34.100
70.500
72.000
67.000
72.000
40.000
50.000
10.000
30.000
34.100
70.500
72.000
67.000
72.000
40.000
50.000
16.000
30.000
34.100
70.500
72.000
67.000
72.000
40.000
50.000
20.000
30.000
34.100
70.500
72.000
67.000
72.000
40.000
50.000
25.000
30.000
34.100
70.500
72.000
67.000
72.000
40.000
50.000
31.250
30.000
34.100
70.500
72.000
67.000
72.000
38.100
48.100
62.500
30.000
34.100
70.500
72.000
67.000
72.000
32.100
42.100
100.000
28.000
30.000
70.500
72.000
67.000
72.000
28.000
38.000
200.000
22.000
24.000
64.500
66.000
61.000
66.000
22.000
32.000
250.000
20.000
22.000
62.500
64.000
59.000
64.000
20.000
30.000
300.000
18.500
20.500
61.000
62.500
57.500
62.500
18.500
28.500
400.000
16.000
18.000
58.500
60.000
55.000
60.000
16.000
26.000
500.000
14.000
16.000
56.500
58.000
53.000
58.000
14.000
24.000
625.000
13.000
56.100
56.100
22.100
Dielectric Strength:
1,000 V RMS @ 60Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Max. Contact Resistance:
20 m-Ohm
Termination Resistance:
2.5 m-Ohm
Notes (Overall)
Notes: For proper installation refer to Installation Guide PX104692 included with the product or visit our web site at http://www.belden.com
Product Family
Part Numbers:
Description
Item Number
KeyConnect PP 10GX, 1U24P wt coupler, Titanium AX104141
KeyConnect PP 10GX, 2U48P wt coupler, Titanium AX104142
KeyConnect PP 10GX, 1U24P, Titanium
AX103254
KeyConnect PP 10GX, 2U48P, Titanium
AX103256
KeyConnect UHDPP 10GX, 1U48P, Titanium
AX103264
KeyConnect PP 10GX, 1U48P, wt coupler, Titanium AX104592
Page 2 of 3
07-31-2017
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX103264 Faceplates and Panels - 10GX Ultra-High Density PP- UHD Style



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com