Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD0520LS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD0520LS
Description  Small Signal Schottky Diode, Dual
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD0520LS Datasheet(HTML) 2 Page - Vishay Siliconix

  SD0520LS Datasheet HTML 1Page - Vishay Siliconix SD0520LS Datasheet HTML 2Page - Vishay Siliconix SD0520LS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 85684
Rev. 1.6, 09-Jul-04
VISHAY
SD0520LS
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in mm (Inches)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Minimum reverse breakdown voltage
IR = 100 µAVBR
20
V
Maximum leakage current
VR = 10 V
IR
20
µA
Maximum forward voltage
IF = 50 mA
VF
400
mV
IF = 150 mA
VF
500
mV
Diode capacitance
VR = 0 V, f = 1 MHz
CD
370
pF
Typ. reverse recovery time
IF = IR = 100 mA
trr
32
ns
2.0 (0.079)
0.9 (0.035)
0.95 (0.037)
0.95 (0.037)
0.52 (0.020)
1
2
3
17418
2.8 (.110)
3.1 (.122)
0.4 (.016)
0.95 (.037)
0.95 (.037)
0.1 (.004) max.
0.4 (.016)
0.4 (.016)
0.098 (.005)
0.175 (.007)
2.35 (.092)
2.6 (.102)
ISO Method E
Mounting Pad Layout



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com