Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS24L Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS24L
Description  2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS24L Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS24L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS24L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SS22L THRU SS210L)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
1
10
100
0
10
20
40
30
50
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
AT RATED TL
Tj=150 C
0
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10.0
50
FORWARD VOLTAGE. (V)
Tj=125 C
0
Tj=25 C
0
PULSE WIDTH=300 S
1% DUTY CYCLE
SS22L-SS24L
SS25L-SS26L
SS29L-SS210L
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TA=125 C
0
TA=75 C
0
TA=25 C
0
0.001
0.01
0.1
1
10
100
SS22L-SS24L
SS25L-SS210L
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
10
100
400
REVERSE VOLTAGE. (V)
SS29L-SS210L
SS22L-SS24L
SS25L-SS26L
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
60
70
80
90
100
110
120
160
150
140
130
0
.50
1.0
2.0
1.5
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
SS2L2-SS24L
SS25L-SS210L
PCB MOUNTED ON 0.2X0.2"
(5.0X5.0mm) COPPER PAD AREAS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com