Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A82DL1624 Datasheet(PDF) 2 Page - AMIC Technology

Part # A82DL1624
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL1624 Datasheet(HTML) 2 Page - AMIC Technology

  A82DL1624 Datasheet HTML 1Page - AMIC Technology A82DL1624 Datasheet HTML 2Page - AMIC Technology A82DL1624 Datasheet HTML 3Page - AMIC Technology A82DL1624 Datasheet HTML 4Page - AMIC Technology A82DL1624 Datasheet HTML 5Page - AMIC Technology A82DL1624 Datasheet HTML 6Page - AMIC Technology A82DL1624 Datasheet HTML 7Page - AMIC Technology A82DL1624 Datasheet HTML 8Page - AMIC Technology A82DL1624 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
A82DL16x4T(U) Series
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM,
A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only,
Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) Static RAM
Preliminary
PRELIMINARY
(July, 2005, Version 0.0)
1
AMIC Technology, Corp.
DISTINCTIVE CHARACTERISTICS
MCP Features
Single power supply operation 2.7 to 3.6 volt
High Performance
- Access time as fast as 70ns
Package 69-Ball TFBGA (8x11x1.4 mm)
Industrial operating temperature range: -40
°C to 85°C
for –U; -25
°C to 85°C for –I
Flash Features
ARCHITECTURAL ADVANTAGES
Simultaneous Read/Write operations
- Data can be continuously read from one bank while
executing erase/program functions in other bank
- Zero latency between read and write operations
Multiple bank architectures
- Three devices available with different bank sizes (refer to
Table 2)
Package
- 69-Ball TFBGA (8x11x1.4 mm)
Top or bottom boot block
Manufactured on 0.18 µm process technology
- Compatible with AM42DL16x4D devices
Compatible with JEDEC standards
- Pinout and software compatible with single-power-supply
flash standard
PERFORMANCE CHARACTERISTICS
High performance
- Access time as fast as 70ns
- Program time: 7µs/word typical utilizing Accelerate
function
Ultra low power consumption (typical values)
- 2mA active read current at 1MHz
- 10mA active read current at 5MHz
- 200nA in standby or automatic sleep mode
Minimum 1 million write cycles guaranteed per sector
20 Year data retention at 125°C
- Reliable operation for the life of the system
SOFTWARE FEATURES
Supports Common Flash Memory Interface (CFI)
Erase Suspend/Erase Resume
- Suspends erase operations to allow programming in
same bank
Data Polling and Toggle Bit
- Provides a software method of detecting the status of
program or erase cycles
Unlock Bypass Program command
- Reduces
overall
programming
time
when
issuing
multiple program command sequences
HARDWARE FEATURES
Any combination of sectors can be erased
Ready/ Busy output (RY/BY )
- Hardware method for detecting program or erase cycle
completion
Hardware reset pin (RESET )
- Hardware method of resetting the internal state machine
to reading array data
WP /ACC input pin
- Write protect ( WP ) function allows protection of two
outermost boot sectors, regardless of sector protect
status
- Acceleration (ACC) function accelerates program timing
Sector protection
- Hardware method of locking a sector, either in-system or
using programming equipment, to prevent any program
or erase operation within that sector
- Temporary Sector Unprotect allows changing data in
protected sectors in-system
LP SRAM Features
Power supply range: 2.7V to 3.6V
Access times: 70 ns (max.)
Current:
Very low power version: Operating: 35mA(max.)
Standby: 10uA (max.)
Full static operation, no clock or refreshing required
All inputs and outputs are directly TTL-compatible
Common I/O using three-state output
Output enable and two chips enable inputs for easy
application
Data retention voltage: 2.0V (min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com