Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS29L Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS29L
Description  2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS29L Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS29L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS29L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS22L THRU SS210L
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Voltage Range
20 to 100 Volts
Current
2.0 Amperes
Features
For surface mounted application
Low –PROFILE PACKAGE
Ideal for automated placement
Low power loss, high efficiency
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Cases: Sub SMA plastic case
Polarity: Color band denotes cathode end
Packaging: 12mm tape per EIA STD RS-481
Weight approx. 15mg
Sub SMA
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbo
l
SS
22L
SS
23L
SS
24L
SS
25L
SS
26L
SS
29L
SS
210L
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
V
Marking Code (Note 4)
22LYM 23LYM 24LYM 25LYM 26LYM 29LYM 210LYM
Maximum Average Forward Rectified Current
at TL(See Fig. 1)
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
(Note 1)
@ 2.0A
VF
0.5
0.70
0.85
V
0.4
0.1
Maximum DC Reverse Current
@ TA =25℃ at
Rated DC Blocking Voltage @ TA=100℃
IR
20
10.0
20
mA
mA
Typical Junction Capacitance (Note 3)
Cj
130
pF
Typical Thermal Resistance ( Note 2 )
R θJL
R θJA
17
75
℃/W
℃/W
Operating Temperature Range
TJ
-65 to +125
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes
: 1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.27 x 0.27”(7.0 x 7.0mm) Copper Pad Areas.
3. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
4. 22LYM: 2=2A, 2-20V, L-Low Profile, Y-Year Code, M-Month Code.
12.31.2004/ rev. A
Preliminary


Similar Part No. - SS29L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS29L TSC-SS29L Datasheet
208Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS29L TSC-SS29L Datasheet
135Kb / 2P
2.0AMPS Surface Mount Schottky Barrier Rectifiers
SS29L TSC-SS29L Datasheet
208Kb / 4P
Surface Mount Schottky Barrier Rectifier
logo
Shanghai Leiditech Elec...
SS29LVFB LEIDITECH-SS29LVFB Datasheet
345Kb / 2P
Surface Mounted Trench Low VF Schottky Barrier Rectifiers
More results

Similar Description - SS29L

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SS22 JGD-SS22 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK225 JGD-SK225 Datasheet
142Kb / 2P
2.0 AMPS, SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SK22A TSC-SK22A Datasheet
49Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK24A TSC-SK24A Datasheet
48Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SKL22A TSC-SKL22A Datasheet
61Kb / 3P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK22A TSC-SK22A_1 Datasheet
172Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22 TSC-SS22 Datasheet
63Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22L TSC-SS22L_1 Datasheet
208Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22 TSC-SS22_10 Datasheet
567Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SS22B LUGUANG-SS22B Datasheet
248Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com