Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A278308AL Datasheet(PDF) 2 Page - AMIC Technology

Part # A278308AL
Description  256K X 8 OTP CMOS EPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A278308AL Datasheet(HTML) 2 Page - AMIC Technology

  A278308AL Datasheet HTML 1Page - AMIC Technology A278308AL Datasheet HTML 2Page - AMIC Technology A278308AL Datasheet HTML 3Page - AMIC Technology A278308AL Datasheet HTML 4Page - AMIC Technology A278308AL Datasheet HTML 5Page - AMIC Technology A278308AL Datasheet HTML 6Page - AMIC Technology A278308AL Datasheet HTML 7Page - AMIC Technology A278308AL Datasheet HTML 8Page - AMIC Technology A278308AL Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
A278308A
256K X 8 OTP CMOS EPROM
(October, 2003, Version 1.0)
1
AMIC Technology, Corp.
Features
262,144 X 8 bit organization
Programming voltage: 12.75V
Access time: 55/70 ns (max.)
Current: Operating: 30mA (max.) at 5MHz
Standby:
100
µA (max.)
All inputs and outputs are directly TTL-compatible
Available in 32-pin DIP and 32-pin PLCC packages
General Description
The A278308A chip is a high-performance 2,097,152 bit
one-time programmable read only memory (OTP EPROM)
organized as 256K by 8 bits. The A278308A requires only
5V power supply in normal read mode operation and any
input signals are TTL levels. The A278308A is available in
industry standard 32 pin dual-in-line and 32 pin PLCC
packages.
Pin Configurations
DIP
PLCC
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
I/O0
I/O1
I/O3
I/O4
I/O5
A11
A9
A13
VCC
A10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
19
20
21
22
23
24
25
26
27
28
29
30
31
32
A8
I/O2
GND
I/O6
I/O7
CE
A14
18
15
16
17
A1
A0
OE
PGM
A17
A278308AL
A7
A9
I/O7
CE
A6
A5
A4
A3
A2
A1
A0
I/O0
A8
A13
A14
5
6
7
8
9
10
11
12
13
21
22
23
24
25
26
27
28
29
A11
OE
A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com