Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93776 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS93776
Description  Low Cost DDR Phase Lock Loop Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93776 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS93776 Datasheet HTML 1Page - Integrated Circuit Systems ICS93776 Datasheet HTML 2Page - Integrated Circuit Systems ICS93776 Datasheet HTML 3Page - Integrated Circuit Systems ICS93776 Datasheet HTML 4Page - Integrated Circuit Systems ICS93776 Datasheet HTML 5Page - Integrated Circuit Systems ICS93776 Datasheet HTML 6Page - Integrated Circuit Systems ICS93776 Datasheet HTML 7Page - Integrated Circuit Systems ICS93776 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ICS93776
0793A—03/08/05
Bytes 2 to 6 are reseved power up default = 1. This allows operation with main clock.
Pin #
Name
0
1
PWD
Bit 7
2, 1
DDR0(T&C)
Output Control
RW
DISABLE ENABLE
1
Bit 6
4, 5
DDR1(T&C)
Output Control
RW
DISABLE ENABLE
1
Bit 5
-
-
Reserved
X
-
-
1
Bit 4
-
-
Reserved
X
-
-
1
Bit 3
13, 14
DDR2(T&C)
Output Control
RW
DISABLE ENABLE
1
Bit 2
26, 27
DDR5(T&C)
Output Control
RW
DISABLE ENABLE
1
Bit 1
-
-
Reserved
X
-
-
1
Bit 0
24, 25
DDR4(T&C)
Output Control
RW
DISABLE ENABLE
1
Note:
Pin #
Name
0
1
PWD
Bit 7
-
-
Reserved
X
-
-
1
Bit 6
16,17
DDR3(T&C)
Output Control
RW
DISABLE ENABLE
1
Bit 5
-
-
Reserved
X
-
-
0
Bit 4
-
-
Reserved
X
-
-
0
Bit 3
-
-
Reserved
RW
-
-
0
Bit 2
-
-
Reserved
X
-
-
0
Bit 1
-
-
Reserved
RW
-
-
0
Bit 0
-
-
Reserved
X
-
-
0
Note:
Control Function
Affected Pin
BYTE
0
BYTE
1
PWD = Power Up Default
PWD = Power Up Default
Type
Bit Control
Type
Control Function
Affected Pin
Bit Control



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com