Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9468N Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9468N
Description  ALL SILICON VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9468N Datasheet(HTML) 2 Page - STMicroelectronics

  L9468N Datasheet HTML 1Page - STMicroelectronics L9468N Datasheet HTML 2Page - STMicroelectronics L9468N Datasheet HTML 3Page - STMicroelectronics L9468N Datasheet HTML 4Page - STMicroelectronics L9468N Datasheet HTML 5Page - STMicroelectronics L9468N Datasheet HTML 6Page - STMicroelectronics L9468N Datasheet HTML 7Page - STMicroelectronics L9468N Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
L9468
2/8
Table 2. Pin Description
Table 3. Absolute Maximum Ratings
Figure 3. Pin Connection (Top view)
Table 4. Thermal Data
N°
Pin
Function
1VGO
Generator output sense and voltage supply to L9468
2
F+
Field high side driver output
3
G
Ground for L9468
4
S
Battery sense input
5
GND
Connected to the Tab through the frame
6FM
Field monitor output
7
L
Lamp terminal low side driver
8
P
Phase sense input
Symbol
Parameter
Value
Unit
VS
Thermal Supply Voltage (load dump)
40
V
IO
Output Current Capability
internally limited
A
Ptot
Total Power Dissipation (@Tcase = 150°C, IFIELD = 5A)
6
W
VR
Reverse Voltage (see figure 1)
-2.5/-6
V
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance junction-case
-45 to 160
°C
Tstg
Storage Temperature
-50 to 175
°C
Rth sd
Thermal Shut-Down
175
±15
°C
Rth j-case
Thermal Resistance junction -case
1.5
°C/W
1
2
3
4
5
6
7
D02AT504
8
P
L
FM
GND
S
G
F+
VGO
Tab connected to pin 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com