Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC6004 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPC6004
Description  Notebook PC Applications Portable Equipment Applications Silicon N Channel MOS Type (U-MOSIII)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6004 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPC6004 Datasheet HTML 1Page - Toshiba Semiconductor TPC6004 Datasheet HTML 2Page - Toshiba Semiconductor TPC6004 Datasheet HTML 3Page - Toshiba Semiconductor TPC6004 Datasheet HTML 4Page - Toshiba Semiconductor TPC6004 Datasheet HTML 5Page - Toshiba Semiconductor TPC6004 Datasheet HTML 6Page - Toshiba Semiconductor TPC6004 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPC6004
2004-07-06
2
Marking (Note 5)
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0 V
⎯
⎯
±10
µA
Drain cut-OFF current
IDSS
VDS = 20 V, VGS = 0 V
⎯
⎯
10
µA
V (BR) DSS
ID = 10 mA, VGS = 0 V
20
⎯
⎯
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −12 V
8
⎯
⎯
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 200 µA
0.5
⎯
1.2
V
VGS = 2.0 V, ID = 3 A
⎯
30
37
VGS = 2.5 V, ID = 3 A
⎯
25
32
Drain-source ON resistance
RDS (ON)
VGS = 4.5 V, ID = 3 A
⎯
19
24
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 3 A
5.5
11
⎯
S
Input capacitance
Ciss
⎯
1400
⎯
Reverse transfer capacitance
Crss
⎯
165
⎯
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
⎯
180
⎯
pF
Rise time
tr
⎯
5
⎯
Turn-ON time
ton
⎯
10
⎯
Fall time
tf
⎯
14
⎯
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 µs
⎯
60
⎯
ns
Total gate charge
(gate-source plus gate-drain)
Qg
⎯
17
⎯
Gate-source charge
Qgs
⎯
13
⎯
Gate-drain (“miller”) charge
Qgd
VDD ∼− 16 V, VGS = 5 V, ID = 6 A
⎯
4
⎯
nC
VDD ∼− 10 V
0 V
VGS
5 V
ID = 3 A
VOUT
Part No.
(or abbreviation code)
S2C
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Lot code (month)
Lot No.
Pin #1
Lot code
(year)
Product-specific code



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com