Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0801607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801607
Description  Warning label set - WS/BK-SET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801607 Datasheet HTML 1Page - PHOENIX CONTACT 0801607 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/0801607
10/21/2014   Page 1 / 2
Warning label set - WS/BK-SET - 0801607
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Warning label set, for covering a terminal strip across any number of terminal blocks, consisting of: 1 m
perforated plastic strip (width: 41 mm, material thickness: 0.8 mm), 18 adhesive warning plates WS-2K and 26
plastic screws
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
58.4 GRM
Custom tariff number
39269097
Country of origin
Germany
Technical data
Ambient conditions
Ambient temperature (operation)
-15 °C ... 65 °C
General
Color
yellow
Material
PVC
Wipe resistance
DIN 30646
DIN VDE 0611
Number of individual labels
18
Marking mounting type
Plug in
Classifications
eCl@ss
eCl@ss 4.0
24190218
eCl@ss 4.1
24190218
eCl@ss 5.0
27141137


Similar Part No. - 0801607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801602 PHOENIX-0801602 Datasheet
54Kb / 2P
EMT insert labels for labeling various marking collars
0801602 PHOENIX-0801602 Datasheet
157Kb / 6P
AXL F PWR 1H
0801602 PHOENIX-0801602 Datasheet
200Kb / 12P
Axioline F digital input module, 16 inputs, 24 V DC, 1-wire connection method
0801602 PHOENIX-0801602 Datasheet
293Kb / 30P
Axioline F communication module for serial data transmission, 1 interface can be parameterized as RS-485/422 or RS-232
0801603 PHOENIX-0801603 Datasheet
185Kb / 5P
EMT (35X28)R YE - Insert label
More results

Similar Description - 0801607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805328 PHOENIX-0805328 Datasheet
44Kb / 2P
Warning label - WS 4-12
0805357 PHOENIX-0805357 Datasheet
45Kb / 2P
Warning label - WS 3- 5
12/11/2015
1004115 PHOENIX-1004115 Datasheet
47Kb / 2P
Warning label - WS 3- 6
1004225 PHOENIX-1004225 Datasheet
48Kb / 2P
Warning label - WS 4-10
1004238 PHOENIX-1004238 Datasheet
46Kb / 2P
Warning label - WS 4-14
1004241 PHOENIX-1004241 Datasheet
47Kb / 2P
Warning label - WS 4-15
1004490 PHOENIX-1004490 Datasheet
51Kb / 2P
Warning label - WS-3K
1004513 PHOENIX-1004513 Datasheet
49Kb / 2P
Warning label - WS-2K
1004584 PHOENIX-1004584 Datasheet
51Kb / 2P
Warning label - WS-4K
3047345 PHOENIX-3047345 Datasheet
55Kb / 3P
Warning label - WS UT 6
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com