Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05545607 Datasheet(PDF) 1 Page - Testo SE & Co. KGaA

Part # 05545607
Description  Testo 570 Digital Manifold with Data Storage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05545607 Datasheet(HTML) 1 Page - Testo SE & Co. KGaA

  05545607 Datasheet HTML 1Page - Testo SE & Co. KGaA 05545607 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Testo Inc.
800-227-0729
info@testo.com
Testo 570 Digital Manifold
with Data Storage
Four-way valve block with four connections,
four hose parkers and sight glass
Simultaneous superheating and subcooling calculations in
real-time using two external temperature probes
Integrated vacuum measurement to support system evacuation
Temperature-compensated leak testing
Heat pump mode
Three temperature probe connections
Newly updated EasyKool software
40 refrigerant profiles stored in instrument
Record up to 72 hours of measurement values
Features
The testo 570 is a robust digital manifold with a 4-way valve block
that’s ideal for installing and troubleshooting all types of refrigeration,
heat pumps and AC systems. Use it daily for calculating superheat
and subcooling simultaneously, in real time, with two external
temperature probes. During heat pump mode the 570 saves you
time by automatically switching over the high and low side pressure
and temperature without having to change the hoses.
For long term or multiple measuring cycles the 570 can be
programmed and left to automatically collect and store data for up
to 99 hours. This internal memory gives the technician the ability to
accurately diagnose system errors that could easily have been
missed in a manual process.
Use Testo’s easyKool software, exclusive to Testo Digital Manifolds,
for complete data management, providing onsite reports to customers
and printing and displaying measuring results.
www.testo.com


Similar Part No. - 05545607

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0554560759 MOLEX7-0554560759 Datasheet
316Kb / 5P
1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right AngleSMT, 7 Circuits, With Plastic Peg, Lead-free
0554560769 MOLEX7-0554560769 Datasheet
316Kb / 5P
1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right AngleSMT, 7 Circuits, without Plastic Peg, Lead-free
More results

Similar Description - 05545607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS1012 ETC-TDS1012 Datasheet
138Kb / 8P
Digital Storage Oscilloscopes
TDS1000B ETC1-TDS1000B Datasheet
429Kb / 8P
Digital Storage Oscilloscopes
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
Digital Storage Oscilloscopes
logo
Testo SE & Co. KGaA
TESTO550 TESTO-TESTO550 Datasheet
1Mb / 4P
Digital manifold kit
logo
TEKTRONIX, INC.
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
Digital Storage Oscilloscopes
logo
Testo SE & Co. KGaA
TESTO557 TESTO-TESTO557 Datasheet
1Mb / 2P
Digital manifold
TESTO552 TESTO-TESTO552 Datasheet
587Kb / 2P
testo 552 Digital Vacuum/Micron Gauge with Bluetooth
TESTO549 TESTO-TESTO549 Datasheet
711Kb / 2P
Digital manifold
logo
TEKTRONIX, INC.
TBS2000B TEKTRONIX-TBS2000B Datasheet
2Mb / 18P
Digital Storage Oscilloscope
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com