Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04490047 Datasheet(PDF) 4 Page - Testo SE & Co. KGaA

Part # 04490047
Description  Pressure and leakage measuring instrument
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

04490047 Datasheet(HTML) 4 Page - Testo SE & Co. KGaA

  04490047 Datasheet HTML 1Page - Testo SE & Co. KGaA 04490047 Datasheet HTML 2Page - Testo SE & Co. KGaA 04490047 Datasheet HTML 3Page - Testo SE & Co. KGaA 04490047 Datasheet HTML 4Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
testo 324
www.testo.com
Technical data
Protection class
IP40 according to EN 60526
Operating temperature
+5 to +40 °C
Storage temperature
-20 to +50 °C
Additional probe sockets
2 Hirschmann sockets for connecting pressure and temperature probes
Gas connections
2 pressure connections DN 5
Battery life
approx. 5 h measurement time, mains operation possible
Display
Colour display, presentation of graphic curves
Data transfer
USB, IRDA, Bluetooth® (option)
Compatible printers
0554 0549, 0554 0547, 0554 0544, 0554 0553 (with Bluetooth® option)
DVGW permit according to G 5952
Instrument class L up to volume = 200 litres
Leakage measurement
Measuring range: 0 to 10 l/h
Accuracy: ±0.2 l/h or ±5% of m.v.
Resolution: 0.1 l/h
Pressure measurement
Measuring range: 0 to 1000 hPa
Accuracy: ±0.5 hPa or ±3% of m.v.
Pressure measurement with a high
pressure probe (optional)
Measuring range: 0 to 25 bar
Accuracy: ±0.6 % of fsv (0 to 10 bar) / ±0.6 % of fsv (>10 to 25 bar)
Absolute pressure measurement
Measuring range: 600 to 1150 hPa
Accuracy: ±3 hPa
Overload
to 1200 hPa
Temperature measurement TC
Type K (instrument only)
Measuring range: -40 to +600 °C
Accuracy: ±0.5 °C or ±0.5%
Temperature measurement TC
Type 5k (instrument only)
Measuring range: -20 to +100 °C
Weight
Pipe volume calculation
Basic set (0563 3240 70): 7.0 kg
Professional set (0563 3240 71): 8.5 kg
Measuring range: max. 1200 l
Accuracy: ±0.2 l or 5 % of m.v. (1 to 200 l)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com