Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200071 Datasheet(PDF) 4 Page - Testo SE & Co. KGaA

Part # 05200071
Description  Multi-function measuring instrument
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200071 Datasheet(HTML) 4 Page - Testo SE & Co. KGaA

  05200071 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
testo 435
Accessories
Part no.
Transport and Protection
Additional accessories and spare parts
Printer and Accessories
Calibration Certificates
0516 0035
0554 0549
0520 0071
0520 0006
0520 0005
0520 0024
0520 0004
0520 0034
0520 0010
0520 0033
Service case for basic equipment of measuring instrument and probes, dimensions: 400 x 310 x 96 mm
Testo fast printer IRDA with wireless infrared interface; 1 roll thermal paper; 4 AA batteries, for printing out
measurements on site
ISO calibration certificate/temperature
meas. instr. with surface probe; calibration points +60°C; +120°C; +180°C
ISO calibration certificate humidity
Calibration points 11.3 %RH and 75.3 %RH at +25 °C
ISO calibration certificate pressure
differential pressure; 5 points distributed over meas. range
ISO calibration certificate velocity
hot wire, vane anemometer; calibration points 0.3; 0.5; 0.8; 1.5 m/s
ISO calibration certificate velocity
hot wire, vane anemometer, Pitot tube; calibration points 1; 2; 5; 10 m/s
ISO calibration certificate velocity
hot wire, vane anemometer, Pitot tube; calibration points 5; 10; 15; 20 m/s
ISO calibration certificate/light
Calibration points 0; 500; 1000; 2000; 4000 Lux
ISO calibration certificate/CO
2
CO
2 probes; calibration points 0; 1000; 5000 ppm
0516 0435
0515 0028
0554 0568
0554 0447
0554 0410
0554 0610
0554 0415
0563 4170
0554 0440
0554 0453
0554 0660
0554 0756
0554 0761
Service case for measuring instrument, probe and accessories, dimensions 520 x 380 x 120 mm
Lithium battery button cell, CR2032 AA batteries for radio handle
Spare thermal paper for printer (6 rolls), permanent ink
measurement data documentation legible for up to 10 years
Plug-in mains adapter, 5 VDC 500 mA with European adapter, 100-250 VAC, 50-60 Hz
testovent 410, volume flow funnel, Ø 340 mm/330x330 mm, incl. case
External fast charger for 1-4 AA rech. batteries, incl. 4 Ni-MH rech. batteries with individual cell charging and charge
control display, incl. impulse trickle charging, integrated discharge function, with built-in international mains plug,
100-240 V, 300 mA, 50/60 Hz
testovent 415, volume flow funnel, Ø 210 mm/210x210 mm, incl. case
testovent 417 funnel set for plate outlets (Ø 200 mm) and funnel for ventilator (330 x 330 mm) for ingoing and
outgoing air
Connection hose; silicone; 5 m long; max. load 700 hPa (mbar)
Connection hose silicone-free for differential pressure measurement, length 5 m, load up to maximum 700 hPa, (mbar)
Control and adjustment set for Testo humidity probes, salt solution with 11.3% RH and 75.3% RH, incl. adapter for
Testo humidity probes, quick checks or calibration of humidity probe
Sintered PTFE filter, Ø 12 mm, for corrosive media, High humidity range (long-term measurements), high flow velocities.
Adhesive material for fixing and sealing
We measure it.
0554 0641
Stainless steel sintered filter, pore size 100 μm, probe protection in dusty atmospheres or higher flow velocities
testo-435-P04
22.01.2014
13:12
Seite 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com