Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08053C104F4T2A Datasheet(PDF) 3 Page - AVX Corporation

Part # 08053C104F4T2A
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053C104F4T2A Datasheet(HTML) 3 Page - AVX Corporation

  08053C104F4T2A Datasheet HTML 1Page - AVX Corporation 08053C104F4T2A Datasheet HTML 2Page - AVX Corporation 08053C104F4T2A Datasheet HTML 3Page - AVX Corporation 08053C104F4T2A Datasheet HTML 4Page - AVX Corporation 08053C104F4T2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
55
Automotive MLCC-NP0
Capacitance Range
SIZE
0402
0603
0805
1206
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
WVDC
25V
50V
25V
50V
100V
200V
25V
50V
100V
200V
250V
25V
50V
100V
200V
250V
500V
100 10pF
C
C
G
G
G
G
J
J
J
N
N
J
J
J
J
J
J
120
12
C
C
G
G
G
G
J
J
J
N
N
J
J
J
J
J
J
150
15
C
C
G
G
G
G
J
J
J
N
N
J
J
J
J
J
J
180
18
C
C
G
G
G
G
J
J
J
N
N
J
J
J
J
J
J
220
22
C
C
G
G
G
G
J
J
J
N
N
J
J
J
J
J
J
270
27
C
C
G
G
G
G
J
J
J
N
N
J
J
J
J
J
J
330
33
C
C
G
G
G
G
J
J
J
N
N
J
J
J
J
J
J
390
39
C
C
G
G
G
G
J
J
J
N
N
J
J
J
J
J
J
470
47
G
G
G
G
J
J
J
N
N
J
J
J
J
J
J
510
51
G
G
G
G
J
J
J
N
N
J
J
J
J
560
56
G
G
G
G
J
J
J
N
N
J
J
J
J
680
68
G
G
G
G
J
J
J
N
N
J
J
J
J
820
82
G
G
G
G
J
J
J
N
N
J
J
J
J
101
100
G
G
G
G
J
J
J
N
N
J
J
J
J
121
120
G
G
G
J
J
J
N
N
J
J
J
J
151
150
G
G
G
J
J
J
N
N
J
J
J
J
181
180
G
G
G
J
J
J
N
N
J
J
J
J
221
220
G
G
G
J
J
J
N
N
J
J
J
J
271
270
G
G
G
J
J
J
N
N
J
J
J
J
331
330
G
G
G
J
J
J
N
N
J
J
J
J
391
390
G
G
J
J
J
J
J
J
J
471
470
G
G
J
J
J
J
J
J
J
561
560
G
G
J
J
J
J
J
J
J
681
680
G
G
J
J
J
J
J
J
J
821
820
J
J
J
J
J
J
J
102 1000
J
J
J
J
J
J
J
122 1200
152 1500
182 1800
222 2200
272 2700
332 3300
392 3900
472 4700
103 10nF
WVDC
25V
50V
25V
50V
100V
200V
25V
50V
100V
200V
250V
25V
50V
100V
200V
250V
500V
Size
0402
0603
0805
1206
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110)
PAPER
EMBOSSED
080818



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com