Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950208 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS950208
Description  Programmable Timing Control Hub for P4
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950208 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS950208 Datasheet HTML 10Page - Integrated Circuit Systems ICS950208 Datasheet HTML 11Page - Integrated Circuit Systems ICS950208 Datasheet HTML 12Page - Integrated Circuit Systems ICS950208 Datasheet HTML 13Page - Integrated Circuit Systems ICS950208 Datasheet HTML 14Page - Integrated Circuit Systems ICS950208 Datasheet HTML 15Page - Integrated Circuit Systems ICS950208 Datasheet HTML 16Page - Integrated Circuit Systems ICS950208 Datasheet HTML 17Page - Integrated Circuit Systems ICS950208 Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS950208
0464B—08/04/03
Electrical Characteristics - CPUCLKT/C
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current Source Output
Impedance
Zo
Vo = Vx
3000
Ω
Output High Voltage
VOH
1.08
1.2
V
Output High Current
IOH
-14.81
mA
Rise Time
1
tr
VOL = 0.175V, VOH = 0.525 V
175
328
700
ps
Fall Time
1
tf
VOH = 0.525 V, VOL = 0.175 V
175
312
700
ns
Duty Cycle
1
dt
VT = 50%
45
50
55
%
Differential Crossover
Voltage
1
Vx
Note 3
280
290
430
mV
Skew
1
tsk
VT = 50%
35
100
ps
Jitter, Cycle-to-cycle1
tjcyc-cyc
VT = Vx
100
150
ps
1Guaranteed by design, not 100% tested in production.
VR = 475Ω +1%; IREF =
2.32mA; IOH = 6*IREF
Electrical Characteristics - PCICLK
TA = 0 - 70°C; VDD = 3.3V +/-5%; CL= 10- 30pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
F01
33.33
MHz
Output Impedance
RDSN1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -1mA
2.4
V
Output Low Voltage
VOL1
IOL = -1mA
0.55
V
VOH =1.0V
-33
VOH =3.135V
-33
VOL = 1.95 V
30
VOL = 0.4V
38
Rise Time
tr1
VOL = 0.4V, VOH =2.4V
0.5
1.94
2
ns
Fall Time
tf1
VOH = 2.4V, VOL = 0.4V
0.5
1.78
2
ns
Duty Cycle
dt1
VT = 1.5V
45
51.9
55
%
Skew
tsk1
VT = 1.5V
133
500
ps
Jitter
tjcyc-cyc
VT = 1.5V
225
250
ps
1 Guaranteed by design,not 100% tested in production
Output High Current
IOH1
mA
Output Low Current
IOL1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com