Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS728MT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS728MT
Description  LOW COST 27 MHZ 3.3 VOLT VCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS728MT Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS728MT Datasheet HTML 1Page - Integrated Circuit Systems ICS728MT Datasheet HTML 2Page - Integrated Circuit Systems ICS728MT Datasheet HTML 3Page - Integrated Circuit Systems ICS728MT Datasheet HTML 4Page - Integrated Circuit Systems ICS728MT Datasheet HTML 5Page - Integrated Circuit Systems ICS728MT Datasheet HTML 6Page - Integrated Circuit Systems ICS728MT Datasheet HTML 7Page - Integrated Circuit Systems ICS728MT Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LOW COST 27 MHZ 3.3 VOLT VCXO
MDS 728 B
6
Revision 012505
Integr ated Circuit System s l 525 Ra ce Stree t , Sa n Jose, CA 951 26 l te l (4 08) 297 -1 201 l
www.ics t.co m
ICS728
Marking Diagram
Marking Diagram (Pb free)
Notes:
1. ###### is the lot number.
2. YYWW is the last two digits of the year and week that the part was assembled.
3. “LF” denotes Pb (lead) free package.
4. Bottom marking: (origin)
Origin = country of origin of not USA.
ICS728M
######
YYWW$$
14
5
8
728MLF
######
YYWW
14
5
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com