Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200034 Datasheet(PDF) 4 Page - Testo SE & Co. KGaA

Part # 05200034
Description  Multi-function VAC measuring instrument
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200034 Datasheet(HTML) 4 Page - Testo SE & Co. KGaA

  05200034 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200034 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200034 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200034 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200034 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200034 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200034 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200034 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
testo 480
Probes
We measure it.
Lux probe for measuring light
intensity
WBGT set (Wet Bulb Globe
Temperature) for the evaluation of
heat workplaces affected by heat,
based on ISO 7243 / DIN 33403-3,
consisting of globe, ambient
temperature and wet bulb
temperature probes, plug-in head
cables, tripod and case
0 to +100000
Lux
0 to +120 °C
+10 to +60 °C
+5 to +40 °C
Class C according to DIN 5032-7;
f1 = 6% V-Lamda; f2 = 5% cos
Class 1
±(0.25 °C +0.3% of m.v.)
±(0.25 °C +0.3% of m.v.)
0635 0543
0635 8888
ID no.
0699 6920/1
Digital comfort probes
Digital humidity probe
Probe type
Digital precision air probe, Pt100,
Plug-in head cable required (Order
no. 0430 0100)
Robust humidity probe
Do not use in condensing amosphere. For continuous use in high-humidity ranges
>80 %RH at ≤30 °C for > 12 h
>60 %RH at >30 °C for > 12 h
please refer to Testo customer service or contact us via the Testo website.
Dimensions
Probe shaft/probe shaft tip
Measuring
range
-100 to +400 °C
0 to 100 %RH
-20 to +180 °C
Accuracy
±(0.15 °C + 0.2 % of m.v.) (-100 to -0.01 °C)
±(0.15 °C + 0.05 % of m.v.) (0 to +100 °C)
±(0.15 °C + 0.2 % of m.v.)
(+100.01 to +350 °C)
±(0.5 °C + 0.5 % of m.v.)
(+350.01 to +400 °C)
±3 %RH (0 to 2 %RH)
±2 %RH (2.1 to 98 %RH)
±3 %RH (98.1 to 100 %RH)
±0.5 °C (-20 to 0 °C)
±0.4 °C (0.1 to +50 °C)
±0.5 °C (+50.1 to +180 °C)
t
99
Part no.
0614 0072
0636 9753
150 mm
Ø 9 mm
High-precision Pt100 immersion
and penetration probe, Plug-in
head cable required (order no. 0430
0100)
Special versions of the Pt100 probe on request ( e.g. as a surface probe or air probe, probe shaft extended, strengthened)
Adapter cable for connecting analog Pt100 probe to testo 480
-100 to +400 °C
200 mm
Ø 3 mm
±(0.15 °C + 0.2% of m.v.) (-100 to -0.01 °C)
±(0.15 °C + 0.05% of m.v.) (0 to +100 °C)
±(0.15 °C + 0.2% of m.v.)
(+100.01 to +350 °C)
±(0.5 °C + 0.5% of m.v.)
(+350.01 to +400 °C)
0614 0073
Digital temperature probe
Fast-reaction digital surface probe
with sprung thermocouple Type K,
short-term up to +500 °C, Plug-in
head cable required (Order no.
0430 0100)
-200 to +300 °C
±(2.5 °C + 0.8 % of m.v.) (-40 to +300 °C)
Remaining range (-200 to -40.1 °C) is not
specified
0614 0195
150 mm
Ø 10 mm
Highly precise digital
immersion/penetration probe,
Pt100, Plug-in head cable required
(Order no. 0430 0100)
Flexible digital precision
penetration probe, PTFE cable
heat-proof to +300 °C, Plug-in
head cable required (Order no.
0430 0100)
-80 to +300 °C
-100 to +265 °C
±(0.3 °C (-80 to -40.001 °C)
±(0.1 °C + 0.05 % of m.v.) (-40 to -0.001 °C)
±(0.05 °C (0 to +100 °C)
±(0.05 °C + 0.05 % of m.v.)
(+100.001 to +300 °C)
±(0.30 °C + 0.3 % of m.v.)
(-100 to -50.01 °C)
±(0.15 °C + 0.2 % of m.v.) (-50 to -0.01 °C)
±(0.15 °C + 0.05 % of m.v.) (0 to +100 °C)
±(0.15 °C + 0.5 % of m.v.)
(+100.01 to +265 °C)
0614 0275
0614 0071
295 mm
Ø 4 mm
Ø 4 mm
1000 mm
testo-480-P04
12.01.2015
13:02
Seite 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com