Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U206-006-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U206-006-R
Description  USB to Parallel Printer Cable (USB-A to Centronics 36 M/M), 6-ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U206-006-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U206-006-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U206-006-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
USB to Parallel Printer Cable (USB-A to
Centronics 36 M/M), 6-ft.
MODEL NUMBER: U206-006-R
Description
Tripp Lite's USB to Parallel Printer Cable (USB 1.1) provides the convenience of connecting a parallel
device such as a printer to a computer through the USB port. Just plug it in and the driver installs
automatically; no need for a software CD. Perfect for systems without a parallel port or when the existing
parallel port is needed for another device. The 6-ft. cable features nickel-plated connectors and gold-
plated copper contacts for superior conductivity. The cable is manufactured with molded connectors and
integral strain relief for extra durability and long life. Double shielding provides maximum EMI/RFI
protection. USB-A male to Cent36 male.
Features
Connects a parallel device such as a printer to a computer through the USB port
q
Bi-directional parallel port compliant to IEEE-1284 industry standard
q
Just plug it in and the driver installs automatically; no need for a software CD
q
Perfect for systems without a parallel port or when the existing parallel port is needed for another device
q
6-ft. cable features nickel-plated connectors and gold-plated copper contacts for superior conductivity
q
Molded connectors and integral strain relief provide extra durability and long life
q
Double shielding provides maximum EMI/RFI protection
q
USB-A male to Cent36 male, USB 1.1 rated
q
Compatible with Windows, Mac, and Linux
q
Highlights
Connect a non-USB Parallel
printer to a computer USB port
q
Bi-directional parallel port
compliant to IEEE-1284 industry
standard
q
Driver installs automatically,
without the need for a software
CD
q
Compatible with Windows, Mac,
and Linux
q
System Requirements
Computer with an available USB
port
q
Parallel printer with Cen36 port
q
Compatible with Windows XP,
Vista, 7, 8, 8.1, and 10
q
Compatible with Mac OS X 10.6
and later
q
Compatible with Linux
q
Package Includes
USB to Parallel Printer Cable
(USB A to Cen36 M) - 6-ft.
q
OVERVIEW
1 / 2


Similar Part No. - U206-006-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U206-006-R ETC2-U206-006-R Datasheet
510Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36-M) 6-ft.
More results

Similar Description - U206-006-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U206-006-R ETC2-U206-006-R Datasheet
510Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36-M) 6-ft.
logo
Tripp Lite. All Rights ...
U206006R TRIPPLITE-U206006R Datasheet
508Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 6-ft
U206010 TRIPPLITE-U206010 Datasheet
509Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 10-ft.
U207006 TRIPPLITE-U207006 Datasheet
508Kb / 2P
Hi-Speed USB to IEEE 1284 Parallel Printer Gold Adapter Cable (USB-A to DB25 M-F), 6-ft
U209000R TRIPPLITE-U209000R Datasheet
524Kb / 2P
USB to Serial Adapter Cable (USB-A to DB9 M-M), 5-ft
U050-006 TRIPPLITE-U050-006 Datasheet
155Kb / 2P
USB 2.0 A to Micro-B Cable (M/M), 6-ft.
U050-006-COIL TRIPPLITE-U050-006-COIL Datasheet
159Kb / 2P
USB 2.0 A to Micro-B Coiled Cable (M/M), 6 ft.
U206-010 TRIPPLITE-U206-010 Datasheet
175Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M/M), 10-ft.
U207-006 TRIPPLITE-U207-006 Datasheet
171Kb / 2P
Hi-Speed USB to IEEE 1284 Parallel Printer Gold Adapter Cable (USB-A to DB25 M/F), 6-ft.
U209-006-RJ45-X TRIPPLITE-U209-006-RJ45-X Datasheet
172Kb / 2P
USB to RJ45 Cisco Serial Rollover Cable, USB Type-A to RJ45 M/M, 6 ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com