Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5082-H511-GF200 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # 5082-H511-GF200
Description  Black Surface Seven Segment Displays
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-H511-GF200 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button 5082-H511-GF200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-H511-GF200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-H511-GF200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-H511-GF200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-H511-GF200 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-H511-GF200 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5082-H511-GF200 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5082-H511-GF200 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5082-H511-GF200 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Contrast Enhancement
For information on contrast
enhancement, please see
Application Note 1015.
Soldering/Cleaning
For information on soldering
LEDs, please refer to Application
Note 1029.
Electrical/Optical
For more information on
electrical/optical characteristics,
please see Application Note 1005.
Dominant Wavelength (nm)
Color
Bin
Min.
Max.
Green
2
573.00
577.00
3
570.00
574.00
4
567.00
571.00
5
564.00
568.00
Color Categories
Note:
All categories are established for classification of products. Products
may not be available in all categories. Please contact your Agilent
representatives for further clarification/information.
HDSP-A5xx
IV Bin Category
Min.
Max.
H
0.86
1.58
I
1.29
2.37
J
1.94
3.55
K
2.90
5.33
L
4.37
8.01
Intensity Bin Limits (mcd), continued
Green
HDSP-F5xx/G5xx
IV Bin Category
Min.
Max.
H
1.54
2.82
I
2.31
4.23
J
3.46
6.34
K
5.18
9.50
L
7.78
14.26
HDSP-H5xx/K5xx
IV Bin Category
Min.
Max.
E
0.91
1.67
F
1.37
2.51
G
2.05
3.76
H
3.08
5.64
I
4.61
8.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com