Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHIP162USB02C Datasheet(PDF) 1 Page - Belden Inc.

Part # DHIP162USB02C
Description  Indoor Digital Electricity Hybrid Cable, OS2, 2 Breakout Fibers, #16-2pr,CMP-OF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

DHIP162USB02C Datasheet(HTML) 1 Page - Belden Inc.

  DHIP162USB02C Datasheet HTML 1Page - Belden Inc. DHIP162USB02C Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part Number: DHIP162USB02C
Indoor Digital Electricity Hybrid Cable, OS2, 2 Breakout Fibers, #16-2pr,
CMP-OF
Product Description
Indoor Digital Electricity Hybrid Cable, OS2, 2 Breakout Fibers, 3.0mm Sub-units, 2- 16 AWG Pairs, Plenum
Technical Specifications
Part Number:
DHIP162USB02C
Product Overview
Suitable Applications:
Indoor
Construction
Fiber Cable Construction
Fiber Type Fiber Count Subunit Color Subunit Color 2
OS2
2
Yellow
Yellow
Fiber Color Coding:
White
Buffer Specification
Buffer Material Buffer Diameter
PVC
900 μm
Bulk Cable Weight:
73 lbs/1000ft
SubUnit Specifications
Fibers Per Subunit:
1
SubUnit Diameter:
0.118 in (3.0 mm)
Jacket Specifications
Outer Jacket Material
Nominal Diameter
0.395" (10mm)
Outer Jacket Color:
Apple Green
Number of Outer Jacket Ripcords: 1
Optical Characteristics
Mode Field Diameter:
9.2
Fiber Core Diameter:
8.2/125μm
Max Attenuation at 1310 nm:
0.5 dB/km
Max Attenuation at 1550 nm:
0.5 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Requirement/Value
Cable Min. Bend Radius Installation (Short Term)
15x Cable OD
Cable Min. Bend Radius Operation (Long Term)
10x Cable OD
Cable Max. Tensile Strength Installation (Short Term) 135 N (600 lbf)


Similar Part No. - DHIP162USB02C

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
DHIP162USD06J BELDEN-DHIP162USD06J Datasheet
219Kb / 2P
Indoor Digital Electricity Hybrid Cable, OS2, 6 Distribution Fibers, #16-2pr, CMP-OF
More results

Similar Description - DHIP162USB02C

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
DHIP162U3B02C BELDEN-DHIP162U3B02C Datasheet
222Kb / 2P
Indoor Digital Electricity Hybrid Cable, OM3, 2 Breakout Fibers, #16-2pr, CMP-OF
DHIP162U3D06J BELDEN-DHIP162U3D06J Datasheet
221Kb / 2P
Indoor Digital Electricity Hybrid Cable, OM3, 6 Distribution Fibers, #16-2pr, CMP-OF
DHIP162U4B02C BELDEN-DHIP162U4B02C Datasheet
221Kb / 2P
Indoor Digital Electricity Hybrid Cable, OM4, 2 Breakout Fibers, #16-2pr, CMP-OF
DHIP162U4D06J BELDEN-DHIP162U4D06J Datasheet
221Kb / 2P
Indoor Digital Electricity Hybrid Cable, OM4, 6 Distribution Fibers, #16-2pr,CMP-OF
DHIP162USD06J BELDEN-DHIP162USD06J Datasheet
219Kb / 2P
Indoor Digital Electricity Hybrid Cable, OS2, 6 Distribution Fibers, #16-2pr, CMP-OF
DHIP182U3B02C BELDEN-DHIP182U3B02C Datasheet
221Kb / 2P
Indoor Digital Electricity Hybrid Cable, OM3, 2 Breakout Fibers, #18-2pr, CMP-OF
DHIP182U3D06J BELDEN-DHIP182U3D06J Datasheet
221Kb / 2P
Indoor Digital Electricity Hybrid Cable, OM3, 6 Distribution Fibers, #18-2pr, CMP-OF
DHIP182U4B02C BELDEN-DHIP182U4B02C Datasheet
221Kb / 2P
Indoor Digital Electricity Hybrid Cable, OM4, 2 Breakout Fibers, #18-2pr, CMP-OF
DHIP182USB02C BELDEN-DHIP182USB02C Datasheet
222Kb / 2P
Indoor Digital Electricity Hybrid Cable, OS2, 2 Breakout Fibers, #18-2pr, CMP-OF
DHIP182USD06J BELDEN-DHIP182USD06J Datasheet
219Kb / 2P
Indoor Digital Electricity Hybrid Cable, OS2, 6 Distribution Fibers, #18-2pr, CMP-OF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com