Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAT9914 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NAT9914
Description  IEEE 488.2 Controller Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NAT9914 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NAT9914 Datasheet HTML 2Page - List of Unclassifed Manufacturers NAT9914 Datasheet HTML 3Page - List of Unclassifed Manufacturers NAT9914 Datasheet HTML 4Page - List of Unclassifed Manufacturers NAT9914 Datasheet HTML 5Page - List of Unclassifed Manufacturers NAT9914 Datasheet HTML 6Page - List of Unclassifed Manufacturers NAT9914 Datasheet HTML 7Page - List of Unclassifed Manufacturers NAT9914 Datasheet HTML 8Page - List of Unclassifed Manufacturers NAT9914 Datasheet HTML 9Page - List of Unclassifed Manufacturers NAT9914 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IEEE 488.2 Controller Chip
National Instruments
Tel: (512) 794-0100 • Fax: (512) 683-9300 • info@ni.com • ni.com/gpib
7
Decode
A23-0
D15-0
74573
74573
Interrupt
Control
D15-0
A23-0
IPL2-0
RESET
DTACKN
UDSN
R/WN
ASN
LDSN
74245
A0
D7-0
CE*
A2
A1
RESET*
INT*
UDSN
LDSN
R/WN
ASN
UAS
OWN
DBEN
DDIR
RDYN
DTACKN
A23/D15 - A8/D0
A7-A1
A3
A2
A1
DBIN
WE*
GND
OSC
CLK
DRQ
ACK
ACCRQ*
ACCGR*
68440
CPU(68000)
DRQ
RD*
WR*
INT0
ACCRQ*
DBIN
WE*
INT*
DEN
DT/R
AD15-0
D7-0
A2
A1
A0
RESET
RESET*
CE*
D7-0
A15-0
74573
OSC
CLK
A1
A2
A3
ACCGR*
CPU(80186)
NAT9914
D8
D7
D6
D5
D4
D3
D2
D1
NDAC
NRFD
REN
IFC
DAV
EOI
ATN
SRQ
TE
TE
PE
DC
TE
CONT*
75162
75160
DIO8
DIO7
DIO6
DIO5
DIO4
DIO3
DIO2
DIO1
GPIB
REN
NDAC
NRFD
DAV
EOI
ATN
SRQ
D8
D7
D6
D5
D4
D3
D2
D1
NDAC
NRFD
REN
IFC
DAV
EOI
ATN
SRQ
TE
TE
PE
DC
TE
CONT*
75162
75160
DIO8
DIO7
DIO6
DIO5
DIO4
DIO3
DIO2
DIO1
GPIB
REN
NDAC
NRFD
DAV
EOI
ATN
SRQ
IFC
NAT9914
SC
+5 V
SC
+5 V
Othe r
DTA CK Sources
+5 V
+5 V
IFC
Decode
74245
Figure 13. Typical CPU Systems with NAT9914



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com