Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD1805 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD1805
Description  LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD1805 Datasheet(HTML) 1 Page - STMicroelectronics

  STD1805 Datasheet HTML 1Page - STMicroelectronics STD1805 Datasheet HTML 2Page - STMicroelectronics STD1805 Datasheet HTML 3Page - STMicroelectronics STD1805 Datasheet HTML 4Page - STMicroelectronics STD1805 Datasheet HTML 5Page - STMicroelectronics STD1805 Datasheet HTML 6Page - STMicroelectronics STD1805 Datasheet HTML 7Page - STMicroelectronics STD1805 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STD1805
LOW VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
PRELIMINARY DATA
s
VERY LOW COLLECTOR TO EMITTER
SATURATION VOLTAGE
s
HIGH CURRENT GAIN CHARACTERISTIC
s
FAST-SWITCHING SPEED
s
THROUGH-HOLE IPAK (TO-251) POWER
PACKAGE IN TUBE (Suffix "-1")
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(Suffix "T4")
APPLICATIONS:
s
CCFL DRIVERS
s
VOLTAGE REGULATORS
s
RELAY DRIVERS
s
HIGH EFFICIENCY LOW VOLTAGE
SWITCHING APPLICATIONS
DESCRIPTION
The device is manufactured in NPN Planar
Technology by using a "Base Island" layout.
The resulting Transistor shows exceptional high
gain
performance
coupled
with
very
low
saturation voltage.
®
INTERNAL SCHEMATIC DIAGRAM
November 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
150
V
VCEO
Collector-Emitter Voltage (IB = 0)
60
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
5
A
ICM
Collector Peak Current (tp < 5 ms)
10
A
IB
Base Current
2
A
Ptot
Total Dissipation at Tc = 25
oC15
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
3
2
1
IPAK
TO-251
(Suffix "-1")
1
3
DPAK
TO-252
(Suffix "T4")
Ordering Code
Marking
Shipment
STD1805T4
D1805
Tape & Reel
STD1805-1
D1805
Tube
1/8


Similar Part No. - STD1805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1802 STMICROELECTRONICS-STD1802 Datasheet
535Kb / 7P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD1802 STMICROELECTRONICS-STD1802 Datasheet
248Kb / 10P
Low voltage fast-switching NPN power transistor
12-Jul-2007
logo
Inchange Semiconductor ...
STD1802 ISC-STD1802 Datasheet
229Kb / 2P
isc Silicon NPN Power Transistor
logo
STMicroelectronics
STD1802T4 STMICROELECTRONICS-STD1802T4 Datasheet
535Kb / 7P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD1802T4 STMICROELECTRONICS-STD1802T4 Datasheet
248Kb / 10P
Low voltage fast-switching NPN power transistor
12-Jul-2007
More results

Similar Description - STD1805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSA851 STMICROELECTRONICS-STSA851 Datasheet
226Kb / 8P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
STSA1805 STMICROELECTRONICS-STSA1805 Datasheet
225Kb / 8P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
2STD1665 STMICROELECTRONICS-2STD1665 Datasheet
281Kb / 12P
Low voltage fast-switching NPN power transistor
08-May-2006
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
198Kb / 10P
Low voltage fast-switching NPN power transistor
18-Jul-2006
2STX1360 STMICROELECTRONICS-2STX1360 Datasheet
175Kb / 10P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
STD1802 STMICROELECTRONICS-STD1802_07 Datasheet
248Kb / 10P
Low voltage fast-switching NPN power transistor
12-Jul-2007
2STR1160 STMICROELECTRONICS-2STR1160 Datasheet
247Kb / 11P
Low voltage fast-switching NPN power transistor
12-Feb-2008
2STD1665 STMICROELECTRONICS-2STD1665_08 Datasheet
220Kb / 11P
Low voltage fast-switching NPN power transistor
27-Mar-2008
2STR1215 STMICROELECTRONICS-2STR1215_08 Datasheet
140Kb / 10P
Low voltage fast-switching NPN power transistor
08-Sep-2008
STN851 STMICROELECTRONICS-STN851_09 Datasheet
237Kb / 10P
Low voltage fast-switching NPN power transistor
16-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com