Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMM5324004CSW Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KMM5324004CSW
Description  4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5324004CSW Datasheet(HTML) 4 Page - Samsung semiconductor

  KMM5324004CSW Datasheet HTML 1Page - Samsung semiconductor KMM5324004CSW Datasheet HTML 2Page - Samsung semiconductor KMM5324004CSW Datasheet HTML 3Page - Samsung semiconductor KMM5324004CSW Datasheet HTML 4Page - Samsung semiconductor KMM5324004CSW Datasheet HTML 5Page - Samsung semiconductor KMM5324004CSW Datasheet HTML 6Page - Samsung semiconductor KMM5324004CSW Datasheet HTML 7Page - Samsung semiconductor KMM5324004CSW Datasheet HTML 8Page - Samsung semiconductor KMM5324004CSW Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DRAM MODULE
KMM5324004CSW/CSWG
CAS3
CAS2
CAS1
CAS0
FUNCTIONAL BLOCK DIAGRAM
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
U0
Vcc
Vss
0.1 or 0.22uF Capacitor
for each DRAM
To all DRAMs
W
A0-A11
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ16
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
U1
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ24
DQ25
DQ27
DQ28
DQ29
DQ30
DQ31
DQ32
DQ33
DQ34
W A0-A11
W A0-A11
47
Ω
47
Ω
47
Ω
47
Ω
RAS
LCAS
UCAS
OE
RAS
LCAS
UCAS
OE
RAS0/RAS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com