Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMM5364103CKG Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KMM5364103CKG
Description  4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5364103CKG Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KMM5364103CKG Datasheet HTML 9Page - Samsung semiconductor KMM5364103CKG Datasheet HTML 10Page - Samsung semiconductor KMM5364103CKG Datasheet HTML 11Page - Samsung semiconductor KMM5364103CKG Datasheet HTML 12Page - Samsung semiconductor KMM5364103CKG Datasheet HTML 13Page - Samsung semiconductor KMM5364103CKG Datasheet HTML 14Page - Samsung semiconductor KMM5364103CKG Datasheet HTML 15Page - Samsung semiconductor KMM5364103CKG Datasheet HTML 16Page - Samsung semiconductor KMM5364103CKG Datasheet HTML 17Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DRAM MODULE
KMM5364103CK/CKG
KMM5364003CK/CKG
tWRH
tOFF
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
VOH -
VOL -
DQ
HIDDEN REFRESH CYCLE ( READ )
COLUMN
ADDRESS
ROW
ADDRESS
tRAS
tRC
tCHR
tRCD
tRAD
tASR
tRAH
tASC
tCAH
tCRP
tRCS
tAA
tCAC
tCLZ
tRAC
OPEN
tRRH
Don
′t care
tRSH
tWRP
Undefined
tRC
DATA-OUT
tRP
tRP
tRAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com