Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763 Datasheet(PDF) 45 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADE7763 Datasheet HTML 41Page - Analog Devices ADE7763 Datasheet HTML 42Page - Analog Devices ADE7763 Datasheet HTML 43Page - Analog Devices ADE7763 Datasheet HTML 44Page - Analog Devices ADE7763 Datasheet HTML 45Page - Analog Devices ADE7763 Datasheet HTML 46Page - Analog Devices ADE7763 Datasheet HTML 47Page - Analog Devices ADE7763 Datasheet HTML 48Page - Analog Devices ADE7763 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
ADE7763
Rev. A | Page 45 of 56
ade up of four signals:
The serial interface of the ADE7763 is m
SCLK, DIN, DOUT, and CS. The serial clock for a data transfer
is applied at the SCLK logic input. This logic input has a Schmitt-
trigger input structure that allows slow rising and falling clo
edges to be used. All data transfer operations are synchronized
to the serial clock. Data is shifted into the ADE7763 at the DIN
logic input upon the falling edge of SCLK. Data is shifted out o
the ADE7763 at the DOUT logic output upon a rising edge o
SCLK. The
ck
f
f
CS logic input is the chip-select input. This input is
used when multiple devices share the serial bus. A falling edge
upon CS also resets the serial in
into communication mode. T
terface and places the ADE7763
he CS input should be driven low
for the entire data transfer operation. Bringing CS high during a
data transfer operation aborts the transfer and places the serial
bus in a high impedance state. The CS logic input can be tied
low if the ADE7763 is the only device on the serial bus. However,
with CS tied low, all initiated data transfer operations must be
fully completed, i.e., the LSB of each register must be transferred
because there is no other way to bring the ADE7763 into commu-
nication mode without resetting the entire device using RESET.
ADE7763 Serial Write Operation
The serial write sequence takes place as follows. With the
ADE7763 in communication mode (i.e., the CS input logic low),
first a write to the communication register occurs. The MSB of
this byte transfer is a 1, indicating that the data transfer
operation is a write. The LSBs of this byte contain the address of
the register to be written to. The ADE7763 starts shifting in the
register data upon the next falling edge of SCLK. All remaining
bits of register data are shifted in upon the falling edge of
subsequent SCLK pulses—see Figure 83. As explained earlier,
the data write is initiated by a write to the communication
register followed by the data. During a data write operation,
data is transferred to all on-chip registers one byte at a time.
After a byte is transferred into the serial port, there is a finite
time before it is transferred to one of the ADE7763 on-chip
registers. Although another byte transfer to the serial port can
start while the previous byte is being transferred to an on-chip
register, this second byte transfer should not finish until at least
4 µs after the end of the previous byte transfer. This functionality
is expressed in the timing specification t6—see Figure 83. I
w
f a
rite operation is aborted during a byte transfer (CS is brought
high), then that byte cannot be written to the destination register.
Destination registers can be up to 3 bytes wide—see Table 9,
Table 10, Table 11, Table 12, and Table 13. Therefore the first
byte shifted into the serial port at DIN is transferred to the MSB
(most significant byte) of the destination register. If, for example,
3
the addressed register is 12 bits wide, a 2-byte data transfer
must take place. Because the data is always assumed to be right
justified, in this case the 4 MSBs of the first byte would be
ignored and the 4 LSBs of the first byte written to the ADE776
would be the 4 MSBs of the 12-bit word. Figure 84 illustrates
this example.
DIN
SCLK
t2
t3
t4
t5
COMMAND BYTE
10
A4
A5
A3
A2
A1
A0
CS
t1
t7
t6
t8
MOST SIGNIFICANT BYTE
LEAST SIGNIFICANT BYTE
DB7
DB0
DB7
DB0
t7
Interface Write Timing
Figure 83. Serial
SCLK
DIN
X
X
X
X
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
MOST SIGNIFICANT BYTE
LEAST SIGNIFICANT BYTE
Figure 84. 12-Bit Serial Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com