Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMM5364005CSWG Datasheet(PDF) 21 Page - Samsung semiconductor

Part # KMM5364005CSWG
Description  4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5364005CSWG Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button KMM5364005CSWG Datasheet HTML 13Page - Samsung semiconductor KMM5364005CSWG Datasheet HTML 14Page - Samsung semiconductor KMM5364005CSWG Datasheet HTML 15Page - Samsung semiconductor KMM5364005CSWG Datasheet HTML 16Page - Samsung semiconductor KMM5364005CSWG Datasheet HTML 17Page - Samsung semiconductor KMM5364005CSWG Datasheet HTML 18Page - Samsung semiconductor KMM5364005CSWG Datasheet HTML 19Page - Samsung semiconductor KMM5364005CSWG Datasheet HTML 20Page - Samsung semiconductor KMM5364005CSWG Datasheet HTML 21Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
DRAM MODULE
KMM5364005CSW/CSWG
PACKAGE DIMENSIONS
.133(3.38)
4.250(107.95)
3.984(101.19)
R.062
±.004(R1.57±.10)
.250(6.35)
3.750(95.25)
.250(6.35)
Units : Inches (millimeters)
0.125 MIN
.100(2.54)
MAX
.054(1.37)
Tolerances :
±.005(.13) unless otherwise specified
NOTE : The used device is 4Mx16 & Quad CAS 4Mx4 DRAM, TSOPII
DRAM Part No. : KMM5364005CSW/CSWG -- KM416C4104CS & KM44C4005CS(300 mil)
1.000(25.40)
.400(10.16)
.125 DIA
±.002(3.18±.051)
R.062(1.57)
.250(6.35)
.080(2.03)
.047(1.19)
( Back view )
( Front view )
Gold/Solder Plating Lead
.010(.25)MAX
.050(1.27)
.041
±.004(1.04±.10)
(3.20MIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com