Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2125 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2125
Description  QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2125 Datasheet(HTML) 1 Page - Schneider Electric

  QO2125 Datasheet HTML 1Page - Schneider Electric QO2125 Datasheet HTML 2Page - Schneider Electric QO2125 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
QO2125
QO mini breaker, 125 A, 2 pole, 120/240 V, 10
kA, plug in
Product availability : Stock - Normally stocked in distribution facility
Price** : 428.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
125 A
Voltage Rating
120/240 V AC
120 V AC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
Number of Panel Spaces
2
Wire Size
AWG 4...AWG 2/0 copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
88.90 mm (3.5 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Nov 26, 2019
1


Similar Part No. - QO2125

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO21251021 SCHNEIDER-QO21251021 Datasheet
147Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 6, 2019
QO21251042 SCHNEIDER-QO21251042 Datasheet
64Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
QO21251200 SCHNEIDER-QO21251200 Datasheet
129Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO21252100 SCHNEIDER-QO21252100 Datasheet
153Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
QO2125CP SCHNEIDER-QO2125CP Datasheet
148Kb / 2P
QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in, CP
More results

Similar Description - QO2125

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO225 SCHNEIDER-QO225 Datasheet
114Kb / 3P
QO mini breaker, 25 A, 2 pole, 120/240 V, 10 kA, plug in
Nov 26, 2019
QO230 SCHNEIDER-QO230 Datasheet
113Kb / 3P
QO mini breaker, 30 A, 2 pole, 120/240 V, 10 kA, plug in
Nov 25, 2019
QO250 SCHNEIDER-QO250 Datasheet
114Kb / 3P
QO mini breaker, 50 A, 2 pole, 120/240 V, 10 kA, plug in
QO280 SCHNEIDER-QO280 Datasheet
121Kb / 3P
QO mini breaker, 80 A, 2 pole, 120/240 V, 10 kA, plug in
QO2125VH SCHNEIDER-QO2125VH Datasheet
121Kb / 3P
QO mini breaker, 125 A, 2 pole, 120/240 V, 22 kA, plug in
QO2150 SCHNEIDER-QO2150 Datasheet
110Kb / 2P
QO mini breaker, 150 A, 2 pole, 120/240 V, 10 kA, plug in
QO270 SCHNEIDER-QO270 Datasheet
117Kb / 3P
QO mini breaker, 70 A, 2 pole, 120/240 V, 10 kA, plug in
Nov 27, 2019
QO210 SCHNEIDER-QO210 Datasheet
111Kb / 3P
QO mini breaker, 10 A, 2 pole, 120/240 V, 10 kA, plug in
Dec 4, 2019
QO2100C SCHNEIDER-QO2100C Datasheet
138Kb / 2P
QO mini breaker, 100 A, 2 pole, 120/240 V, 10 kA, plug in
QO2125CP SCHNEIDER-QO2125CP Datasheet
148Kb / 2P
QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in, CP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com