Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2125VH Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2125VH
Description  QO mini breaker, 125 A, 2 pole, 120/240 V, 22 kA, plug in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2125VH Datasheet(HTML) 1 Page - Schneider Electric

  QO2125VH Datasheet HTML 1Page - Schneider Electric QO2125VH Datasheet HTML 2Page - Schneider Electric QO2125VH Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
QO2125VH
QO mini breaker, 125 A, 2 pole, 120/240 V, 22
kA, plug in
Product availability : Stock - Normally stocked in distribution facility
Price** : 1,034.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
125 A
Voltage Rating
120/240 V AC
120 V AC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Complementary
Inturrupt Rating
22 kA 120/240 V AC 50/60 Hz
22 kA 120 V AC 50/60 Hz
Number of Panel Spaces
2
Wire Size
AWG 4...AWG 2/0 copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
88.90 mm (3.5 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Nov 25, 2019
1


Similar Part No. - QO2125VH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2125VH1021 SCHNEIDER-QO2125VH1021 Datasheet
141Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
QO2125VH1042 SCHNEIDER-QO2125VH1042 Datasheet
56Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
QO2125VH1200 SCHNEIDER-QO2125VH1200 Datasheet
129Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
QO2125VH1201 SCHNEIDER-QO2125VH1201 Datasheet
129Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1B
QO2125VH2100 SCHNEIDER-QO2125VH2100 Datasheet
152Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
More results

Similar Description - QO2125VH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO230 SCHNEIDER-QO230 Datasheet
113Kb / 3P
QO mini breaker, 30 A, 2 pole, 120/240 V, 10 kA, plug in
Nov 25, 2019
QO280 SCHNEIDER-QO280 Datasheet
121Kb / 3P
QO mini breaker, 80 A, 2 pole, 120/240 V, 10 kA, plug in
QO2100VH SCHNEIDER-QO2100VH Datasheet
120Kb / 3P
QO mini breaker, 100 A, 2 pole, 120/240 V, 22 kA, plug in
QO2125 SCHNEIDER-QO2125 Datasheet
120Kb / 3P
QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in
QOB3125VH SCHNEIDER-QOB3125VH Datasheet
164Kb / 3P
QO mini breaker, 125 A, 3 pole, 120/240 V, 22 kA, bolt on
Nov 26, 2019
QO220VH SCHNEIDER-QO220VH Datasheet
114Kb / 3P
QO mini breaker, 20 A, 2 pole, 120/240 V, 22 kA, plug in
Nov 27, 2019
QO120VH SCHNEIDER-QO120VH Datasheet
116Kb / 3P
QO mini breaker, 20 A, 1 pole, 120/240 V, 22 kA, plug in
Nov 27, 2019
QO230VH SCHNEIDER-QO230VH Datasheet
114Kb / 3P
QO mini breaker, 30 A, 2 pole, 120/240 V, 22 kA, plug in
Nov 28, 2019
QO260VH SCHNEIDER-QO260VH Datasheet
124Kb / 3P
QO mini breaker, 60 A, 2 pole, 120/240 V, 22 kA, plug in3
Nov 28, 2019
QO2125CP SCHNEIDER-QO2125CP Datasheet
148Kb / 2P
QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in, CP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com