Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809421 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0809421
Description  Terminal strip markers - KLM A ESL 44X7
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809421 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0809421 Datasheet HTML 1Page - PHOENIX CONTACT 0809421 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0809421
18.05.2012   Page 1 / 2
Terminal strip markers - KLM A + ESL 44X7 - 0809421
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Terminal strip markers and insert strips ESL..., adjustable height, for use with end clamps E/UK, E/
NS 35 N or CLIPFIX 35, lettering field of the insert strip: 44 x 7 mm
The illustration shows a
combination of versions KLM-A,
and ESL 44 x 7
Key commercial data
Packing unit
1
Minimum order quantity
50
GTIN
Weight per Piece (excluding packing)
2.42 GRM
Country of origin
GERMANY
Technical data
General
Length (b)
44 mm
Width (a)
7 mm
Color
transparent
Base element material
SAN
Inflammability class according to UL 94
HB
Ambient temperature (operation)
-40 °C ... 85 °C
Components
free from silicone and halogen
Material
ABS
Classifications
eclass
eCl@ss 4.0
24190208
eCl@ss 4.1
24190208
eCl@ss 5.0
27149103
eCl@ss 5.1
27149103
eCl@ss 6.0
27141137


Similar Part No. - 0809421

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08094270 LITTELFUSE-08094270 Datasheet
904Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
More results

Similar Description - 0809421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805726 PHOENIX-0805726 Datasheet
45Kb / 2P
Insert strip - ES/KLM -GB
0800941 PHOENIX-0800941 Datasheet
48Kb / 2P
Insert strip - ES/KLM 1-GB
0808095 PHOENIX-0808095 Datasheet
50Kb / 2P
Insert strip - ESL 40X17
0808244 PHOENIX-0808244 Datasheet
46Kb / 2P
Insert strip - ESL 44X7
0808257 PHOENIX-0808257 Datasheet
46Kb / 2P
Insert strip - ESL 29X8
0809382 PHOENIX-0809382 Datasheet
48Kb / 2P
Terminal strip markers - KLM1 ESL 24X4
0809395 PHOENIX-0809395 Datasheet
48Kb / 2P
Terminal strip markers - KLM ESL 26X6
0811943 PHOENIX-0811943 Datasheet
44Kb / 2P
Insert strip - ESL 25X10 TR
0811970 PHOENIX-0811970 Datasheet
44Kb / 2P
Terminal strip marker carrier - KLM 4
0809492 PHOENIX-0809492 Datasheet
52Kb / 3P
Insert strip - ESL 62X10
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com