Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LVC1G34 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54LVC1G34
Description  Single Buffer Gate in bare die form
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LVC1G34 Datasheet(HTML) 2 Page - Silicon Supplies

  54LVC1G34 Datasheet HTML 1Page - Silicon Supplies 54LVC1G34 Datasheet HTML 2Page - Silicon Supplies 54LVC1G34 Datasheet HTML 3Page - Silicon Supplies 54LVC1G34 Datasheet HTML 4Page - Silicon Supplies 54LVC1G34 Datasheet HTML 5Page - Silicon Supplies 54LVC1G34 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Low Voltage CMOS Logic – 54LVC1G34
Rev 1.0
29/06/19
Logic Diagram
Function Table
INPUT
A
OUTPUT
Y
H
L
H
L
H = High level (steady state)
L = Low level (steady state)
 
Expanded Logic Diagram
Pad Layout and Functions
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
GND
-70.4
95.2
2
A
-65.9
-95.2
3
VCC
62.6
-95.2
4
Y
39.6
95.2
CONNECT CHIP BACK TO VCC OR FLOAT
420µm (16.53 mils)
1
4
2
3
0,0
DIE ID



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com